Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA331 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA331 Datasheet(HTML) 2 Page - Texas Instruments

  INA331_V01 Datasheet HTML 1Page - Texas Instruments INA331_V01 Datasheet HTML 2Page - Texas Instruments INA331_V01 Datasheet HTML 3Page - Texas Instruments INA331_V01 Datasheet HTML 4Page - Texas Instruments INA331_V01 Datasheet HTML 5Page - Texas Instruments INA331_V01 Datasheet HTML 6Page - Texas Instruments INA331_V01 Datasheet HTML 7Page - Texas Instruments INA331_V01 Datasheet HTML 8Page - Texas Instruments INA331_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
INA331, INA2331
SBOS215C
2
www.ti.com
Supply Voltage, V+ to V– .................................................................... 7.5V
Signal Input Terminals, Voltage(2) ..................... (V–) – 0.5V to (V+) + 0.5V
Current(2) ..................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ...................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply rails should be
current limited to 10mA or less. (3) Short-circuit to ground, one amplifier per
package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
RG
V
IN–
V
IN+
V–
Shutdown
V+
V
OUT
REF
INA331
MSOP-8 (DGK)
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Shutdown A
V
OUTA
REFA
V+
REFB
V
OUTB
Shutdown B
RGA
V
IN–A
V
IN+A
V–
V
IN+B
V
IN–B
RGB
INA2331
Dual, TSSOP-14 (PW)
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
Single
INA331IDGK
MSOP-8
DGK
C31
INA331AIDGK
MSOP-8
DGK
C31
Dual
INA2331AIPW
TSSOP-14
PW
2331A
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
PACKAGE/ORDERING INFORMATION(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com