Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA302A2IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 4 Page - Texas Instruments

  INA302A2IPWR Datasheet HTML 1Page - Texas Instruments INA302A2IPWR Datasheet HTML 2Page - Texas Instruments INA302A2IPWR Datasheet HTML 3Page - Texas Instruments INA302A2IPWR Datasheet HTML 4Page - Texas Instruments INA302A2IPWR Datasheet HTML 5Page - Texas Instruments INA302A2IPWR Datasheet HTML 6Page - Texas Instruments INA302A2IPWR Datasheet HTML 7Page - Texas Instruments INA302A2IPWR Datasheet HTML 8Page - Texas Instruments INA302A2IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage can exceed the voltage shown without causing damage to the device if the current at that pin is limited to 5 mA.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Supply voltage
6
V
Analog inputs (IN+, IN–)
Differential (VIN+) – (VIN–)
(2)
–40
40
V
Common-mode(3)
GND – 0.3
40
Analog input
LIMIT1, LIMIT2, DELAY, REF
GND – 0.3
(VS) + 0.3
V
Analog output
OUT
GND – 0.3
(VS) + 0.3
V
Digital input
LATCH1, LATCH2
GND – 0.3
(VS) + 0.3
V
Digital output
ALERT1, ALERT2
GND – 0.3
6
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
–0.1
12
36
V
VS
Operating supply voltage
2.7
5
5.5
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA30x
UNIT
PW (TSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
110.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.1
°C/W
RθJB
Junction-to-board thermal resistance
53.2
°C/W
ψJT
Junction-to-top characterization parameter
2.3
°C/W
ψJB
Junction-to-board characterization parameter
52.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com