Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA331IDGKT Datasheet(PDF) 5 Page - Texas Instruments

Part # INA331IDGKT
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA331IDGKT Datasheet(HTML) 5 Page - Texas Instruments

  INA331IDGKT Datasheet HTML 1Page - Texas Instruments INA331IDGKT Datasheet HTML 2Page - Texas Instruments INA331IDGKT Datasheet HTML 3Page - Texas Instruments INA331IDGKT Datasheet HTML 4Page - Texas Instruments INA331IDGKT Datasheet HTML 5Page - Texas Instruments INA331IDGKT Datasheet HTML 6Page - Texas Instruments INA331IDGKT Datasheet HTML 7Page - Texas Instruments INA331IDGKT Datasheet HTML 8Page - Texas Instruments INA331IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
INA331, INA2331
SBOS215C
5
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, VCM = VS /2, RL = 10kΩ, and CL = 100pF, unless otherwise noted.
COMMON-MODE INPUT RANGE
vs REFERENCE VOLTAGE
0
Input Common-Mode Voltage (V)
12
3
45
6
5
4
3
2
1
0
Outside of Normal Operation
REF
Increasing
QUIESCENT CURRENT AND SHUTDOWN CURRENT
vs POWER SUPPLY
Supply Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
500
450
400
350
300
250
200
150
100
50
0
I
Q
I
SD
SHORT-CIRCUIT CURRENT vs POWER SUPPLY
Supply Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
60
50
40
30
20
10
0
I
SC+
I
SC–
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
–75
25
–50
–25
0
50
75
100
125
150
60
50
40
30
20
10
0
I
SC+
I
SC–
OUTPUT SWING vs LOAD RESISTANCE
R
LOAD (Ω)
0
10k
20k
30k
40k
50k
25
20
15
10
5
0
To Positive Rail
To Negative Rail
QUIESCENT CURRENT AND SHUTDOWN CURRENT
vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
150
600
550
500
450
400
350
300
250
200
150
100
50
0
I
Q
I
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com