Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA828
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 2 Page - Texas Instruments

  INA828 Datasheet HTML 1Page - Texas Instruments INA828 Datasheet HTML 2Page - Texas Instruments INA828 Datasheet HTML 3Page - Texas Instruments INA828 Datasheet HTML 4Page - Texas Instruments INA828 Datasheet HTML 5Page - Texas Instruments INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
INA828
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 16
7.1
Overview ................................................................. 16
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 21
8
Application and Implementation ........................ 22
8.1
Reference Terminal................................................. 22
8.2
Input Bias Current Return Path............................... 24
8.3
PCB Assembly Effects on Precision ....................... 25
8.4
Typical Application .................................................. 26
8.5
Other Application Examples.................................... 28
9
Power Supply Recommendations ...................... 29
10
Layout................................................................... 29
10.1
Layout Guidelines ................................................. 29
10.2
Layout Example .................................................... 30
11
Device and Documentation Support ................. 31
11.1
Documentation Support ........................................ 31
11.2
Receiving Notification of Documentation Updates 31
11.3
Community Resources.......................................... 31
11.4
Trademarks ........................................................... 31
11.5
Electrostatic Discharge Caution ............................ 31
11.6
Glossary ................................................................ 31
12
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
Changes from Original (August 2017) to Revision A
Page
•
Changed MAX value for G = 1 in "GE" row from "±0.020%" to "±0.025%"............................................................................ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com