Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
9.1.2 Input Bias Current Return Path
The input impedance of the INA849 is extremely high (approximately 100 GΩ). However, a path must be
provided for the input bias current of both inputs. This input bias current is typically 6 nA. High input impedance
means that this input bias current changes little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 9-4 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA849, and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path connects to one input (as shown in the thermocouple example). With a higher
source impedance, using two equal resistors provides a balanced input with possible advantages of a lower
input offset voltage as a result of bias current, and better high-frequency common-mode rejection.
Thermocouple
10 NŸ
Microphone,
Hydrophone,
and more
+
±
+
±
+
±
+
±
Transformer
R1
R2
AC Coupling
R3
R4
R5
T1
L1
C2
C1
INA849
INA849
INA849
INA849
+VS
í VS
REF
REF
REF
REF
+VS
í VS
+VS
í VS
+VS
í VS
NOTE: Center tap in the transformer provides bias current return.
Figure 9-4. Providing an Input Common-Mode Current Path
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com