Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA159
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 1 Page - Texas Instruments

  INA159 Datasheet HTML 1Page - Texas Instruments INA159 Datasheet HTML 2Page - Texas Instruments INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
1 Features
• Ultra-low noise: 1-nV/√Hz input voltage noise
(typical)
• Precision super-beta input performance:
– Low offset voltage: 35 µV (maximum)
– Low offset voltage drift: 0.4 μV/°C (maximum)
– Low input bias current: 20 nA (maximum)
– Low gain drift: 5 ppm/°C for G = 1 (maximum)
• Bandwidth: 28 MHz (G = 1), 8 MHz (G = 100)
• Slew rate: 35 V/µs
• Common-mode rejection: 120 dB (minimum) for
maximum gain
• Supply range:
– Single supply: 8 V to 36 V
– Dual supply: ±4 V to ±18 V
• Specified temperature range:
–40°C to +125°C
• Packages: 8-pin SOIC and VSSOP
2 Applications
• Analog input module
• Microphone preamplifier
• Flow transmitter
• Battery test
• LCD test
• Electrocardiogram (ECG)
• Surgical equipment
• Process analytics (pH, gas, concentration, force
and humidity)
3 Description
The INA849 is an ultra-low noise instrumentation
amplifier optimized for maximum accuracy in high-
resolution systems and operation over a wide single-
supply or dual-supply range. The device offers
significantly lower input bias current than competitors
as a result of super-beta input transistors. A state-of-
the-art manufacturing process provides exceptionally
low voltage noise, input offset voltage, and offset
voltage drift.
Precisely matched integrated resistors provide a high,
92-dB (G = 1) common-mode rejection across the full
input common-mode range. A single external resistor
sets any gain from 1 to 10,000. The current-feedback
topology of the INA849 provides wide bandwidth at
higher gains for very-small, fast-moving signals. For
example, the device provides 8 MHz of bandwidth
at G = 100, and 28 MHz at a G = 1, with a fast
0.4-µs settling time (0.01%) for directly driving high-
resolution, analog-to-digital converters (ADCs).
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA849
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1)
See the package option addendum at the end of the data
sheet for all available packages.
+
±
+
±
+
±
5 k
3 k
5 k
5 k
5 k
3 k
RG
REF
+VS
íVS
OUT
+V
S
íVS
íIN
+IN
O
IN
IN
REF
V
G V
V
V
RG
R
G
100 nF
100 nF
INA849 Simplified Internal Schematic
Input-Referred Voltage Noise Spectral Density vs
Frequency
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA849
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI1-INA159 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA159 TI-INA159 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results

Similar Description - INA159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7732 TI1-LMP7732 Datasheet
680Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
926Kb / 24P
1 nV/Hz Low Noise 210C Instrumentation Amplifier
REV. B
logo
Texas Instruments
LMP7732 TI-LMP7732_15 Datasheet
1,002Kb / 26P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
logo
Analog Devices
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA848 TI-INA848 Datasheet
2Mb / 33P
INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com