Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S03 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S03
Description  1.5 A, 1.5 MHz adjustable, step-down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S03 Datasheet HTML 7Page - STMicroelectronics ST1S03 Datasheet HTML 8Page - STMicroelectronics ST1S03 Datasheet HTML 9Page - STMicroelectronics ST1S03 Datasheet HTML 10Page - STMicroelectronics ST1S03 Datasheet HTML 11Page - STMicroelectronics ST1S03 Datasheet HTML 12Page - STMicroelectronics ST1S03 Datasheet HTML 13Page - STMicroelectronics ST1S03 Datasheet HTML 14Page - STMicroelectronics ST1S03 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID10992 Rev 7
11/16
ST1S03
Typical performance characteristics
16
Figure 16. Switch RDS-ON vs. temperature
Figure 17. Switch current limitation vs.
temperature
Figure 18. Load transient response
Figure 19. Load transient response
VCC = 5 V, IO = 100 mA to 780 mA, CI = 4.7 µF,
CO = 22 µF, L = 3.3 µH, TON = 38 µs, TJ = 25 °C
VCC = 5 V, IO = 200 mA to 1.2 A, CI = 4.7 µF, CO = 22 µF,
L = 3.3 µH, TON = 38 µs, TJ = 25 °C
Figure 20. Startup transient
Figure 21. Startup transient
VCC = 5 V, TJ = 25 °C
VCC = 5 V, TJ = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com