Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1044 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO1044
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO1044 Datasheet HTML 7Page - Texas Instruments ISO1044 Datasheet HTML 8Page - Texas Instruments ISO1044 Datasheet HTML 9Page - Texas Instruments ISO1044 Datasheet HTML 10Page - Texas Instruments ISO1044 Datasheet HTML 11Page - Texas Instruments ISO1044 Datasheet HTML 12Page - Texas Instruments ISO1044 Datasheet HTML 13Page - Texas Instruments ISO1044 Datasheet HTML 14Page - Texas Instruments ISO1044 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
6.10 Switching Characteristics
Typical specifications are at VCC1 = 3.3 V, VCC2 = 5 V, Min/Max are over recommended operating conditions
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE SWITCHING CHARACTERISTICS
tPROP(LOOP1)
Total loop delay, driver input TXD to
receiver RXD, recessive to dominant
See Figure 7-6 , RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF; input rise/fall time (10%
to 90%) on TXD =1 ns; 1.71 V ≤
VCC1 ≤ 1.89 V
150
203
ns
See Figure 7-6 , RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF; input rise/fall time (10%
to 90%) on TXD =1 ns; 2.25 V ≤ VCC1 ≤
5.5 V
150
199
ns
tPROP(LOOP2)
Total loop delay, driver input TXD to
receiver RXD, dominant to recessive
See Figure 7-6 , RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF; input rise/fall time (10%
to 90%) on TXD =1 ns; 1.71 V ≤ VCC1 ≤
1.89 V
175
219
ns
See Figure 7-6 , RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF; input rise/fall time (10%
to 90%) on TXD =1 ns; 2.25 V ≤ VCC1 ≤
5.5 V
175
212
ns
tUV_RE_ENABLE
Re-enable time after Undervoltage
event
Time for device to return to normal
operation from VCC1 or VCC2 under
voltage event
300.0
µs
CMTI
Common mode transient immunity
TXD=VCC1 or GND1, VCM =
1200VPK , See Figure 7-9
85
kV/µs
DRIVER SWITCHING CHARACTERISTICS
tpHR
Propagation delay time, Low-to-High
TXD edge to driver recessive
See Figure 7-3 , RL = 60 Ω and CL = 100
pF; input rise/fall time (10% to 90%) on
TXD =1 ns
85
105
ns
tpLD
Propagation delay time, High-to-Low
TXD edge to driver dominant
70
105
tsk(p)
pulse skew (|tpHR - tpLD|)
12.5
tR
Differential output signal rise time
27
tF
Differential output signal fall time
42
VSYM
Driver symmetry (VO(CANH) +
VO(CANL))/VCC
See Figure 7-3 and Figure 9-3 ,
RTERM =60 Ω, CL =open, CSPLIT= 4.7nF,
TXD= Dominant or receissive or toggling
at 250 kHz, 1 MHz
0.9
1.1
V/V
tTXD_DTO
Dominant time out
See Figure 7-7 , RL = 60 Ω and CL = open
1.2
3.8
ms
RECEIVER SWITCHING CHARACTERISTICS
tpRH
Propagation delay time, bus
dominant-to-recessive input edge to
RXD high output
See Figure 7-5 , CL(RXD) = 15 pF,
90
130
ns
tpDL
Propogation delay time, bus
recessive-to-dominant input edge to
RXD low output
71
110
ns
tR
Output signal rise time(RXD)
1
ns
tF
Output signal fall time(RXD)
1
ns
FD TIMING PARAMETERS
tBIT(BUS)
Bit time on CAN bus output pins with
tBIT(TXD) = 500 ns
See Figure 7-6 , RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF; input rise/fall time (10%
to 90%) on TXD =1 ns
435.0
530.0
ns
Bit time on CAN bus output pins with
tBIT(TXD) = 200 ns
See Figure 7-6 , RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF; input rise/fall time (10%
to 90%) on TXD =1 ns
155.0
210.0
ns
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com