Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151VD Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 57Page - STMicroelectronics STM32L151VD Datasheet HTML 58Page - STMicroelectronics STM32L151VD Datasheet HTML 59Page - STMicroelectronics STM32L151VD Datasheet HTML 60Page - STMicroelectronics STM32L151VD Datasheet HTML 61Page - STMicroelectronics STM32L151VD Datasheet HTML 62Page - STMicroelectronics STM32L151VD Datasheet HTML 63Page - STMicroelectronics STM32L151VD Datasheet HTML 64Page - STMicroelectronics STM32L151VD Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
DocID022027 Rev 11
61/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 10: Voltage characteristics,
Table 11: Current characteristics, and Table 12: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 10. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage
(including VDDA and VDD)(1)
–0.3
4.0
V
VIN(2)
Input voltage on five-volt tolerant pin
VSS −0.3
VDD+4.0
Input voltage on any other pin
VSS −0.3
4.0
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX −VSS|
Variations between all different ground pins(3)
-50
VREF+ –VDDA
Allowed voltage difference for VREF+ > VDDA
-0.4
V
VESD(HBM)
Electrostatic discharge voltage
(human body model)
see Section 6.3.12
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
2. VIN maximum must always be respected. Refer to Table 11 for maximum allowed injected current values.
3. Include VREF- pin.
Table 11. Current characteristics
Symbol
Ratings
Max.
Unit
IVDD(Σ)
Total current into sum of all VDD_x power lines (source)(1)
100
mA
IVSS(Σ)(2)
Total current out of sum of all VSS_x ground lines (sink)(1)
100
IVDD(PIN)
Maximum current into each VDD_x power pin (source)(1)
70
IVSS(PIN)
Maximum current out of each VSS_x ground pin (sink)(1)
-70
IIO
Output current sunk by any I/O and control pin
25
Output current sourced by any I/O and control pin
- 25
ΣIIO(PIN)
Total output current sunk by sum of all IOs and control pins(2)
60
Total output current sourced by sum of all IOs and control pins(2)
-60
IINJ(PIN) (3)
Injected current on five-volt tolerant I/O(4), RST and B pins
-5/+0
Injected current on any other pin (5)
± 5
ΣIINJ(PIN)
Total injected current (sum of all I/O and control pins)(6)
± 25
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages.
3. Negative injection disturbs the analog performance of the device. See note in Section 6.3.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com