Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151VD Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 119Page - STMicroelectronics STM32L151VD Datasheet HTML 120Page - STMicroelectronics STM32L151VD Datasheet HTML 121Page - STMicroelectronics STM32L151VD Datasheet HTML 122Page - STMicroelectronics STM32L151VD Datasheet HTML 123Page - STMicroelectronics STM32L151VD Datasheet HTML 124Page - STMicroelectronics STM32L151VD Datasheet HTML 125Page - STMicroelectronics STM32L151VD Datasheet HTML 126Page - STMicroelectronics STM32L151VD Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 154 page
background image
DocID022027 Rev 11
123/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.20
DAC electrical specifications
Data guaranteed by design, unless otherwise specified.
Table 67. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.8
-
3.6
V
VREF+
Reference supply
voltage
VREF+ must always be below
VDDA
1.8
-
3.6
VREF-
Lower reference voltage
-
VSSA
IDDVREF+(1)
Current consumption on
VREF+ supply
VREF+ = 3.3 V
No load, middle code (0x800)
-
130
220
µA
No load, worst code (0x000)
-
220
350
IDDA(1)
Current consumption on
VDDA supply
VDDA = 3.3 V
No load, middle code (0x800)
-
210
320
No load, worst code (0xF1C)
-
320
520
RL(2)
Resistive load
DAC output buffer ON
5-
-
k
Ω
CL(2)
Capacitive load
-
-
50
pF
RO
Output impedance
DAC output buffer OFF
12
16
20
k
Ω
VDAC_OUT
Voltage on DAC_OUT
output
DAC output buffer ON
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
0.5
-
VREF+ –
1LSB
mV
DNL(1)
Differential non
linearity(3)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-1.5
3
LSB
No RL, CL ≤ 50 pF
DAC output buffer OFF
-1.5
3
INL(1)
Integral non linearity(4)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-2
4
No RL, CL ≤ 50 pF
DAC output buffer OFF
-2
4
Offset(1)
Offset error at code
0x800 (5)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-±10
±25
No RL, CL ≤ 50 pF
DAC output buffer OFF
-±5
±8
Offset1(1)
Offset error at code
0x001(6)
No RL, CL ≤ 50 pF
DAC output buffer OFF
-±1.5
±5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com