Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L152VD Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32L152VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VD Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32L152VD Datasheet HTML 145Page - STMicroelectronics STM32L152VD Datasheet HTML 146Page - STMicroelectronics STM32L152VD Datasheet HTML 147Page - STMicroelectronics STM32L152VD Datasheet HTML 148Page - STMicroelectronics STM32L152VD Datasheet HTML 149Page - STMicroelectronics STM32L152VD Datasheet HTML 150Page - STMicroelectronics STM32L152VD Datasheet HTML 151Page - STMicroelectronics STM32L152VD Datasheet HTML 152Page - STMicroelectronics STM32L152VD Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 154 page
background image
DocID022027 Rev 11
149/154
STM32L151xD STM32L152xD
Revision History
153
18-Apr-2012
3
Added WLCSP64 package.
Section 3: Functional overview: changed ‘128 kHz’ to ‘131 kHz’ in
section “Low power run mode”.
Section 3.17.1: General-purpose timers (TIM2, TIM3, TIM4, TIM5,
TIM9, TIM10 and TIM11): changed ‘six’ to ‘seven’ synchronizable
general-purpose timers.
Table 14: STM32L15xxD pin definitions on page 52: updated name of
reference manual in footnote 5.
I2C updated: footnote 3. from Table 58
Note about I2C clock updated: footnote 2. from Table 58 modified.
Note [non-robust] updated: footnote 2. from Table 68 modified.
GPIOs high current capability updated: Section 3.6: GPIOs (general-
purpose inputs/outputs) ‘except for analog inputs’ was removed.
15-Jun-2012
4
Changed maximum number of touch sensing channels to 34, and
updated Table 4: Ultra-low-power STM32L15xxD device features and
peripheral counts.
Updated Section 3.10: ADC (analog-to-digital converter) to add
Section 3.10.1: Temperature sensor and Section 3.10.2: Internal
voltage reference (VREFINT).
Removed caution note below Figure 8: Power supply scheme.
Added note below Table 4: STM32L15xQD STM32L162QD
UFBGA132 ballout.
Modified Table 8: STM32L15xRDSTM32L162RD WLCSP64 ballout to
match top view.
Changed FSMC_LBAR into FSMC_NADV, and I2C1_SMBAI into
I2C1_SMBA in Table 14: STM32L15xxD pin definitions.
Modified PB10/11/12 for AFIO4 ction, and replaced LBAR by NADV for
AFIO12 in Table 19: ction input/output.
Updated Table 22: Typical and maximum current consumptions in Stop
mode and added Note 6. Updated Table 23: Typical and maximum
current consumptions in Standby mode. Updated tWUSTOP in Table : .
Updated Table 27: Peripheral current consumption.
Updated Table 60: SPI characteristics, added Note 1 and Note 3, and
applied Note 2 to tr(SCK), tf(SCK), tw(SCKH), tw(SCKL), tsu(MI), tsu(SI), th(MI),
and th(SI).
Updated IDD maximum value in Table 38: Flash memory and data
EEPROM characteristics.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com