Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L152VD Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32L152VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VD Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32L152VD Datasheet HTML 146Page - STMicroelectronics STM32L152VD Datasheet HTML 147Page - STMicroelectronics STM32L152VD Datasheet HTML 148Page - STMicroelectronics STM32L152VD Datasheet HTML 149Page - STMicroelectronics STM32L152VD Datasheet HTML 150Page - STMicroelectronics STM32L152VD Datasheet HTML 151Page - STMicroelectronics STM32L152VD Datasheet HTML 152Page - STMicroelectronics STM32L152VD Datasheet HTML 153Page - STMicroelectronics STM32L152VD Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 153 / 154 page
background image
DocID022027 Rev 11
153/154
STM32L151xD STM32L152xD
Revision History
153
02-Apr-2015
10
Updated Section 7: Package information with new package paragraph
structure (paragraph title and heading level) and adding note for device
orientation versus pin 1/ ball A1 identifier.
Updated Figure 42: LQFP144, 20 x 20 mm, 144-pin low-profile quad
flat package top view example and Figure 45: LQFP100, 14 x 14 mm,
100-pin low-profile quad flat package top view example removing gate
mark.
Added Figure 53: WLCSP64, 0.4 mm pitch wafer level chip scale
package recommended footprint and Table 79: WLCSP64, 0.4 mm
pitch package recommended PCB design rules.
Updated Table 8: STM32L151xD and STM32L152xD pin definitions
ADC inputs.
Updated Table 16: Embedded internal reference voltage temperature
coefficient at 100ppm/°C.
and table footnote 3: “guaranteed by design” changed by “guaranteed
by characterization results”.
Updated Table 72: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.
10-Feb-2016
11
Updated cover page putting eight SPIs in the peripheral
communication interface list.
Updated Table 2: Ultra-low-power STM32L151xD and STM32L152xD
device features and peripheral counts SPI and I2S lines.
Updated Table 47: ESD absolute maximum ratings CDM class II by
class III.
Updated all the notes, removing ‘not tested in production’.
Updated Table 10: Voltage characteristics adding note about VREF-
pin.
Updated Table 5: Functionalities depending on the working mode (from
Run/active down to standby) LSI and LSE functionalities putting “Y” in
Standby mode.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com