Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RDT7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L151RDT7
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT7 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L151RDT7 Datasheet HTML 1Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 2Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 3Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 4Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 5Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 6Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 7Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 8Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
This is information on a product in full production.
February 2016
DocID022027 Rev 11
1/154
STM32L151xD STM32L152xD
Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash,
48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
Datasheet
- production data
Features
• Ultra-low-power platform
– 1.65 V to 3.6 V power supply
– -40°C to 105°C temperature range
– 305 nA Standby mode (3 wakeup pins)
– 1.15 µA Standby mode + RTC
– 0.475 µA Stop mode (16 wakeup lines)
– 1.35 µA Stop mode + RTC
– 11 µA Low-power run mode
– 230 µA/MHz Run mode
– 10 nA ultra-low I/O leakage
– 8 µs wakeup time
• Core: ARM® Cortex®-M3 32-bit CPU
– From 32 kHz up to 32 MHz max
– 33.3 DMIPS peak (Dhrystone 2.1)
– Memory protection unit
• Up to 34 capacitive sensing channels
• CRC calculation unit, 96-bit unique ID
• Reset and supply management
– Low-power, ultrasafe BOR (brownout reset)
with 5 selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
• Clock sources
– 1 to 24 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High Speed Internal 16 MHz factory-
trimmed RC (+/- 1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz
– PLL for CPU clock and USB (48 MHz)
• Pre-programmed bootloader
– USB and USART supported
• Serial wire debug, JTAG and trace
• Up to 116 fast I/Os (102 I/Os 5V tolerant), all
mappable on 16 external interrupt vectors
• Memories
– 384 KB Flash with ECC (with 2 banks of
192 KB enabling Rww capability)
– 48 KB RAM
– 12 KB of true EEPROM with ECC
– 128 byte backup register
– Memory interface controller supporting
SRAM, PSRAM and NOR Flash
• LCD driver (except STM32L151xD devices) up
to 8x40 segments, contrast adjustment,
blinking mode, step-up converter
• Rich analog peripherals (down to 1.8V)
– 3x operational amplifiers
– 12-bit ADC 1 Msps up to 40 channels
– 12-bit DAC 2 ch with output buffers
– 2x ultra-low-power-comparators
(window mode and wakeup capability)
• DMA controller 12x channels
• 12x peripheral communication interfaces
– 1x USB 2.0 (internal 48 MHz PLL)
– 5x USARTs
– Up to 8x SPIs (2x I2S, 3x 16 Mbit/s)
– 2x I2Cs (SMBus/PMBus)
– 1x SDIO interface
• 11x timers: 1x 32-bit, 6x 16-bit with up to 4
IC/OC/PWM channels, 2x 16-bit basic timers,
2x watchdog timers (independent and window)
Table 1. Device summary
Reference
Part number
STM32L151xD
STM32L151QD, STM32L151RD,
STM32L151VD, STM32L151ZD
STM32L152xD
STM32L152QD, STM32L152RD,
STM32L152VD, STM32L152ZD
LQFP144 (20 × 20 mm)
LQFP100 (14 × 14 mm)
LQFP64 (10 × 10 mm)
UFBGA132
(7 × 7 mm)
WLCSP64
(0.4 mm pitch)
www.st.com


Similar Part No. - STM32L151RDT7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L151RDT6 STMICROELECTRONICS-STM32L151RDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
01-Feb-2013
More results

Similar Description - STM32L151RDT7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L151C8T6 STMICROELECTRONICS-STM32L151C8T6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151XX STMICROELECTRONICS-STM32L151XX Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151CBT6 STMICROELECTRONICS-STM32L151CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151VBT6 STMICROELECTRONICS-STM32L151VBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
01-Feb-2013
STM32L151RDT6 STMICROELECTRONICS-STM32L151RDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
01-Feb-2013
STM32L152C8T6 STMICROELECTRONICS-STM32L152C8T6 Datasheet
2Mb / 131P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
12-Nov-2013
STM32L151C6U6 STMICROELECTRONICS-STM32L151C6U6 Datasheet
2Mb / 131P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
12-Nov-2013
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com