Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7730DWR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7730DWR.A
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730DWR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7730DWR.A Datasheet HTML 18Page - Texas Instruments ISO7730DWR.A Datasheet HTML 19Page - Texas Instruments ISO7730DWR.A Datasheet HTML 20Page - Texas Instruments ISO7730DWR.A Datasheet HTML 21Page - Texas Instruments ISO7730DWR.A Datasheet HTML 22Page - Texas Instruments ISO7730DWR.A Datasheet HTML 23Page - Texas Instruments ISO7730DWR.A Datasheet HTML 24Page - Texas Instruments ISO7730DWR.A Datasheet HTML 25Page - Texas Instruments ISO7730DWR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
VCC at 2.5V
VCC at 3.3V
VCC at 5V
TA = 25°C
Figure 5-9. High-Level Output Voltage vs High-level
Output Current
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VCC at 2.5V
VCC at 3.3V
VCC at 5 V
TA = 25°C
Figure 5-10. Low-Level Output Voltage vs Low-
Level Output Current
Free-Air Te mperature (
C)
-55
-5
45
95
125
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
VCC1 Rising
VCC2 Rising
VCC1 Falling
VCC2 Falling
Figure 5-11. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Free-Air Temperature (°C)
-55
-25
5
35
65
95
125
8
9
10
11
12
13
14
15
16
17
tPHL at 2.5V
tPLH at 2.5V
tPHL at 3.3V
tPLH at 3.3V
tPHL at 5V
tPLH at 5V
Figure 5-12. Propagation Delay Time vs Free-Air
Temperature
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com