Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FMDWR Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO7641FMDWR
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FMDWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO7641FMDWR Datasheet HTML 11Page - Texas Instruments ISO7641FMDWR Datasheet HTML 12Page - Texas Instruments ISO7641FMDWR Datasheet HTML 13Page - Texas Instruments ISO7641FMDWR Datasheet HTML 14Page - Texas Instruments ISO7641FMDWR Datasheet HTML 15Page - Texas Instruments ISO7641FMDWR Datasheet HTML 16Page - Texas Instruments ISO7641FMDWR Datasheet HTML 17Page - Texas Instruments ISO7641FMDWR Datasheet HTML 18Page - Texas Instruments ISO7641FMDWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
ISO7640FM, ISO7641FM
www.ti.com
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
6.17 Switching Characteristics: VCC1 at 3.3 V ±10% and VCC2 at 5 V ±10%
VCC1 at 3.3 V ±10% and VCC2 at 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
4
7.5
12.5
See Figure 9
PWD(1)
Pulse width distortion |tPHL – tPLH|
2
Same-direction Channels
2.5
ns
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction Channels
3.5
tsk(pp)
(3)
Part-to-part skew time
6
tr
Output signal rise time
1.7
See Figure 9
ns
tf
Output signal fall time
1.1
Disable Propagation Delay, high-to-high impedance
tPHZ
5.5
17
output
Disable Propagation Delay, low-to-high impedance
tPLZ
5.5
17
output
See Figure 10
ns
Enable Propagation Delay, high impedance-to-high
tPZH
4.5
17
output
Enable Propagation Delay, high impedance-to-low
tPZL
4.5
17
output
Fail-safe output delay time from input data or power
tfs
See Figure 11
9.5
μs
loss
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.18 Switching Characteristics: VCC1 and VCC2 at 3.3 V ±10%
VCC1 and VCC2 at 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
4
8.5
14
See Figure 9
PWD(1)
Pulse width distortion |tPHL – tPLH|
2
Same-direction Channels
3
ns
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction Channels
4
tsk(pp)
(3)
Part-to-part skew time
6.5
tr
Output signal rise time
2
See Figure 9
ns
tf
Output signal fall time
1.3
Disable Propagation Delay, high-to-high
tPHZ
6.5
17
impedance output
Disable Propagation Delay, low-to-high impedance
tPLZ
6.5
17
output
See Figure 10
ns
Enable Propagation Delay, high impedance-to-high
tPZH
5.5
17
output
Enable Propagation Delay, high impedance-to-low
tPZL
5.5
17
output
Fail-safe output delay time from input data or
tfs
See Figure 11
9.2
μs
power loss
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com