Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7720DR.B Datasheet(PDF) 27 Page - Texas Instruments

Part # ISO7720DR.B
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DR.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button ISO7720DR.B Datasheet HTML 23Page - Texas Instruments ISO7720DR.B Datasheet HTML 24Page - Texas Instruments ISO7720DR.B Datasheet HTML 25Page - Texas Instruments ISO7720DR.B Datasheet HTML 26Page - Texas Instruments ISO7720DR.B Datasheet HTML 27Page - Texas Instruments ISO7720DR.B Datasheet HTML 28Page - Texas Instruments ISO7720DR.B Datasheet HTML 29Page - Texas Instruments ISO7720DR.B Datasheet HTML 30Page - Texas Instruments ISO7720DR.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
9.2 Typical Application
The ISO7721 device can be used with Texas Instruments' mixed signal microcontroller, digital-to-analog
converter, transformer driver, and voltage regulator to create an isolated 4-mA to 20-mA current loop.
VCC1
VCC2
GND1
GND2
INA
14
13
12
1, 7
9, 16
4
XOUT
XIN
5
6
2
MSP430G2132
OUTA
3
4
5
ISO7721
DVSS
DVCC
INB
OUTB
P3.0
P3.1
11
12
10 F
VS
0.1 F
MBR0520L
MBR0520L
1:1.33
0.1 F
3
1
D2
SN6501
D1
VCC
4, 5
2
GND
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333
10 F
3.3VISO
10 F
ISO Barrier
0.1 F
0.1 F
0.1 F
0.1 F
3
VD
COMA
BASE
LOW
10
8
ERRLVL
DBACK
16
DIN
DAC161P997
OUT
9
C1
14
15
VA
COMD
2
C2
13
C3
12
3 × 2.2 nF
5
4
20
0.1 F
22
0.1 F
1 F
LOOP±
LOOP+
1
Copyright © 2017, Texas Instruments Incorporated
Figure 9-1. Isolated 4-mA to 20-mA Current Loop
www.ti.com
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com