Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7842 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7842
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7842 Datasheet HTML 1Page - Texas Instruments ISO7842 Datasheet HTML 2Page - Texas Instruments ISO7842 Datasheet HTML 3Page - Texas Instruments ISO7842 Datasheet HTML 4Page - Texas Instruments ISO7842 Datasheet HTML 5Page - Texas Instruments ISO7842 Datasheet HTML 6Page - Texas Instruments ISO7842 Datasheet HTML 7Page - Texas Instruments ISO7842 Datasheet HTML 8Page - Texas Instruments ISO7842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Power Ratings.............................................................5
5.6 Insulation Specifications............................................. 6
5.7 Safety-Related Certifications...................................... 7
5.8 Safety Limiting Values.................................................7
5.9 Electrical Characteristics–5V Supply.......................... 8
5.10 Supply Current Characteristics–5V Supply...............8
5.11 Electrical Characteristics—3.3V Supply....................9
5.12 Supply Current Characteristics—3.3V Supply.......... 9
5.13 Electrical Characteristics—2.5V Supply..................10
5.14 Supply Current Characteristics—2.5V Supply........ 10
5.15 Switching Characteristics—5V Supply.................... 11
5.16 Switching Characteristics—3.3V Supply.................12
5.17 Switching Characteristics—2.5V Supply.................13
5.18 Insulation Characteristics Curves........................... 14
5.19 Typical Characteristics............................................ 15
6 Parameter Measurement Information.......................... 16
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................19
7.4 Device Functional Modes..........................................19
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 20
8.3 Power Supply Recommendations.............................22
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................24
9.1 Documentation Support............................................ 24
9.2 Related Links............................................................ 24
9.3 Receiving Notification of Documentation Updates....24
9.4 Support Resources................................................... 24
9.5 Trademarks...............................................................24
9.6 Electrostatic Discharge Caution................................24
9.7 Glossary....................................................................24
10 Revision History.......................................................... 24
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com