Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840DW.B Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7840DW.B
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840DW.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7840DW.B Datasheet HTML 4Page - Texas Instruments ISO7840DW.B Datasheet HTML 5Page - Texas Instruments ISO7840DW.B Datasheet HTML 6Page - Texas Instruments ISO7840DW.B Datasheet HTML 7Page - Texas Instruments ISO7840DW.B Datasheet HTML 8Page - Texas Instruments ISO7840DW.B Datasheet HTML 9Page - Texas Instruments ISO7840DW.B Datasheet HTML 10Page - Texas Instruments ISO7840DW.B Datasheet HTML 11Page - Texas Instruments ISO7840DW.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
5.9 Electrical Characteristics—5V Supply
VCC1 = VCC2 = 5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4mA; see Figure 6-1
VCCO (1) – 0.4 VCCO (1) – 0.2
V
VOL
Low-level output voltage
IOL = 4mA; see Figure 6-1
0.2
0.4
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI (1)
V
IIH
High-level input current
VIH = VCCI (1) at INx or EN2
10
μA
IIL
Low-level input current
VIL = 0V at INx or EN2
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI (1) or 0V, VCM = 1500V; see Figure
6-4
100
kV/μs
CI
Input capacitance
VI = VCC/2 + 0.4 × sin (2πft), f = 1MHz, VCC =
5V
2
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
5.10 Supply Characteristics—5V Supply
VCC1 = VCC2 = 5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
Supply current
Disable
EN2 = 0V, VI = 0V (ISO7840F), VI = VCCI
(1) (ISO7840)
ICC1
1.3
2
mA
ICC2
0.4
0.6
EN2 = 0V, VI = VCCI (1) (ISO7840F), VI =
0V (ISO7840) EN2 = 0V
ICC1
6
8.5
mA
ICC2
0.4
0.6
DC signal
VI = 0V (ISO7840F), VI = VCCI (1)
(ISO7840)
ICC1
1.3
2
mA
ICC2
2.2
3.1
VI = VCCI (1) (ISO7840F), VI = 0V
(ISO7840)
ICC1
5.9
8.6
mA
ICC2
2.5
3.3
All channels switching with
square wave clock input;
CL = 15pF
1Mbps
ICC1
3.6
5.3
mA
ICC2
2.6
3.7
10Mbps
ICC1
3.8
5.4
mA
ICC2
4.5
5.9
100Mbps
DW package
ICC1
5.1
5.9
mA
ICC2
23.8
27.4
DWW package
ICC1
5.1
5.9
mA
ICC2
23.8
28.5
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com