Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FMDWRG4.B Datasheet(PDF) 26 Page - Texas Instruments

Part # ISO7641FMDWRG4.B
Description  ISO764xFM Low-Power Quad-Channel Digital Isolators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FMDWRG4.B Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO7641FMDWRG4.B Datasheet HTML 22Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 23Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 24Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 25Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 26Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 27Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 28Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 29Page - Texas Instruments ISO7641FMDWRG4.B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
14
13
INA
OUTD
3
4
5
6
0.1 F
EN1
EN2
7
10
INB
12
11
OUTC
IND
INC
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3-
AIN4+
A0
A1
AIN1+
AIN1-
AIN2+
SCLK
DOUT
REF+
REF-
AIN4-
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
23
20
19
28
8
7
27
0.1 F
P3.1
P3.0
CLK
SOMI
13
11
12
14
4
2
MSP430
F2132
DVss
DVcc
0.1 F
14
13
OUTD
3
4
5
6
0.1 F
NC
EN
7
10
12
11
OUTC
IND
INC
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
0.1 F
ISO7640
ISO7641
5VISO
5VISO
3.3V
3.3V
P3.7
P3.6
18
17
3.3V
22
AVDD
AGND
21
5VISO
0.1 F
AIN2-
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
0.1 F
0.1 F
5VISO 5VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P3.4
15
P3.5
16
ADS1234
ISO-BARRIER
ISO7640FM, ISO7641FM
SLLSE89G – SEPTEMBER 2011 – REVISED JANUARY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ISO764x use single-ended TTL-logic switching technology. Its supply voltage range is from 3 V to 5.5 V for both
supplies, VCC1 and VCC2. When designing with digital isolators, it is important to note that due to the single-ended
design structure, digital isolators do not conform to any specific interface standard and are only intended for
isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data
controller (that is,
μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
9.2 Typical Application
Figure 16. Isolated Data Acquisition System for Process Control
9.2.1 Design Requirements
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO764x device only requires two external bypass capacitors to operate.
26
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: ISO7640FM ISO7641FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com