Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840DWR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7840DWR
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840DWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7840DWR Datasheet HTML 1Page - Texas Instruments ISO7840DWR Datasheet HTML 2Page - Texas Instruments ISO7840DWR Datasheet HTML 3Page - Texas Instruments ISO7840DWR Datasheet HTML 4Page - Texas Instruments ISO7840DWR Datasheet HTML 5Page - Texas Instruments ISO7840DWR Datasheet HTML 6Page - Texas Instruments ISO7840DWR Datasheet HTML 7Page - Texas Instruments ISO7840DWR Datasheet HTML 8Page - Texas Instruments ISO7840DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
1 Features
• Signaling Rate: Up to 100Mbps
• Wide Supply Range: 2.25V to 5.5V
• 2.25V to 5.5V Level Translation
• Wide Temperature Range: –55°C to 125°C
• Low-Power Consumption, Typical 1.7mA per
Channel at 1Mbps
• Low Propagation Delay: 11ns Typical
(5V Supplies)
• Industry leading CMTI (Min): ±100kV/μs
• Robust Electromagnetic Compatibility (EMC)
• System-Level ESD, EFT, and Surge Immunity
• Low Emissions
• Isolation Barrier Life: >40 Years
• Wide Body SOIC-16 Package and Extra-Wide
Body SOIC-16 Package Options
• Safety and Regulatory Approvals:
– 8000VPK Reinforced Isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5.7kVRMS Isolation for 1 Minute per UL 1577
– IEC 61010-1, IEC 62368-1, IEC 60601-1, and
GB 4943.1 certifications
2 Applications
• Industrial Automation
• Motor Control
• Power Supplies
• Solar Inverters
• Medical Equipment
• Hybrid Electric Vehicles
3 Description
The ISO7840x device is a high-performance, quad-
channel digital isolator with a 8000VPK isolation
voltage.
This
device
has
reinforced
isolation
certifications according to VDE, CSA, CQC, and TUV.
The isolator provides high electromagnetic immunity
and low emissions at low-power consumption while
isolating CMOS or LVCMOS digital I/Os. Each
isolation channel has a logic input and output
buffer separated by a silicon-dioxide (SiO2) insulation
barrier.
This device comes with enable pins that can be
used to put the respective outputs in high impedance
for multi-controller driving applications and to reduce
power consumption. The ISO7840 device has four
forward and zero reverse-direction channels. If the
input power or signal is lost, the default output is high
for the ISO7840 device and low for the ISO7840F
device. See the Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies,
this device helps prevent noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through remarkable chip design and layout
techniques, electromagnetic compatibility of the
ISO7840 device has been significantly enhanced to
ease system-level ESD, EFT, surge, and emissions
compliance.
The ISO7840 device is available in 16-pin SOIC wide-
body (DW) and extra-wide body (DWW) packages.
Package Information
PART
NUMBER
PACKAGE(1)
PACKAGE
SIZE(2)
BODY SIZE
(NOM)
ISO7840
ISO7840F
DW (16, SOIC)
10.30mm ×
10.30mm
10.30mm ×
7.50mm
DWW (16, SOIC)
10.30mm ×
17.25mm
10.30mm ×
14.0mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
VCCI and GNDI are supply and ground connections
respectively for the input channels.
VCCO and GNDO are supply and ground connections
respectively for the output channels.
Simplified Schematic
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7840DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7840DWR TI1-ISO7840DWR Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWR TI2-ISO7840DWR Datasheet
989Kb / 38P
ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
REVISED APRIL 2016
ISO7840DWR.A TI2-ISO7840DWR.A Datasheet
989Kb / 38P
ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
REVISED APRIL 2016
ISO7840DWR.B TI2-ISO7840DWR.B Datasheet
989Kb / 38P
ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
REVISED APRIL 2016
More results

Similar Description - ISO7840DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7840 TI-ISO7840_15 Datasheet
1Mb / 33P
ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com