Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2-10B Datasheet(PDF) 9 Page - ABB

Part # MTS2-10B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MTS2-10B Datasheet(HTML) 9 Page - ABB

Back Button MTS2-10B Datasheet HTML 5Page - ABB MTS2-10B Datasheet HTML 6Page - ABB MTS2-10B Datasheet HTML 7Page - ABB MTS2-10B Datasheet HTML 8Page - ABB MTS2-10B Datasheet HTML 9Page - ABB MTS2-10B Datasheet HTML 10Page - ABB MTS2-10B Datasheet HTML 11Page - ABB MTS2-10B Datasheet HTML 12Page - ABB MTS2-10B Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 9
MPM1-10B
How to order:
See page "Assemblies" on page 14.
Color
Type
Order code
Pkg
qty
Momentary, Ø 40 mm
l
Red
MPM1-10R
1SFA611124R1001
10
l
Black
MPM1-10B
1SFA611124R1006
10
Modular range
Non-illuminated mushroom pushbuttons
For more pilot devices products
please see the complete catalog
1SFC151005C0201.
KPR3-104B
Reset pushbuttons
Color
Text
Type
Order code
Pkg
qty
Flush reset pushbutton with shaft (flexible joint not included)
l
Black
No text
KPR3-100B
1SFA616162R1006
10
l
Black
RESET
KPR3-104B
1SFA616162R1046
10
l
Blue
R
KPR3-101L
1SFA616162R1014
10
l
White
R
KPR3-101W
1SFA616162R1015
10
185
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com