Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2FD8165HF Datasheet(PDF) 4 Page - nVent Electric plc

Part # P2FD8165HF
Description  Frames
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2FD8165HF Datasheet(HTML) 4 Page - nVent Electric plc

  P2FD8165HF Datasheet HTML 1Page - nVent Electric plc P2FD8165HF Datasheet HTML 2Page - nVent Electric plc P2FD8165HF Datasheet HTML 3Page - nVent Electric plc P2FD8165HF Datasheet HTML 4Page - nVent Electric plc P2FD8165HF Datasheet HTML 5Page - nVent Electric plc P2FD8165HF Datasheet HTML 6Page - nVent Electric plc P2FD8165HF Datasheet HTML 7Page - nVent Electric plc P2FD8165HF Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories
PH 763.422.2211
nVent.com/HOFFMAN
MOduLaR ENcLOsuRE sOLutIONs
4
Spec-01187 D
Frame Size Matrix
 
Nominal Height (mm)
Nominal Width (mm)
Nominal Depth (mm)*
600
600, 800
400, 600, 800
800
600, 800
400, 600, 800
1000
600, 800, 1200
400, 500, 600, 800
1200
600, 800, 1200
400, 500, 600, 800
1400
600, 800, 1200
500, 600, 800
1600
600, 800, 1200
500, 600, 800
1800
600, 800, 1200, 1600
400, 500, 600, 800
2000
400, 600, 800, 1000, 1200, 1600, 1800
400, 500, 600, 800, 1000
2200
400, 600, 800, 1000, 1200, 1600, 1800
400, 500, 600, 800, 1000
* Not every depth is available for each width
Custom sizes available upon request
Door Selection Matrix
 
Nominal Width (mm)
1 Door*
2 Door**
600
•
800
•
•
1000
•
•
1200 or greater
•
* Reversible hinging
** Overlapping double door; reversible hinging



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com