Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETWORK-AUTOMATION Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # NETWORK-AUTOMATION
Description  ENABLING NETWORK AUTOMATION WITH JUNOS OS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

NETWORK-AUTOMATION Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  NETWORK-AUTOMATION Datasheet HTML 1Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 2Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 3Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 4Page - Juniper Networks, Inc. NETWORK-AUTOMATION Datasheet HTML 5Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Features
Benefits
Junos Node Slicing
Converges multiple concurrent network functions on a single chassis to accelerate service deployment, reduce capital outlay, and improve
operational efficiency.
Seamless integration with a wide range of open-
source automation frameworks
Enables implementation of a DevOps approach to automate complex network operations and business- critical services.
Juniper Extension Toolkit (JET) API
Offers a simple and programmable framework that provides open access to control, management, and data planes.
Junos Telemetry Interface (JTI) scalable
distributed network analytic engine
Streams accurate real-time network data, providing service assurance with enhanced visibility to identify, isolate, and resolve potential
issues based on real-time network statistics and events with minimal human interaction.
Junos Continuity
Makes adding new hardware a plug-and-play, non-service impacting event, eliminating device reboots during network updates.
High Availability
Junos OS supports high availability (HA), enabling service providers
and enterprises to avoid extended maintenance windows and
prolonged service impacts. Junos Continuity eliminates the device
reboot and network OS upgrade typically required during the
installation of new hardware such as line cards. Junos Selective
Update allows users to apply a patch (hotfix) on an installed version
of Junos OS running on a Juniper device without any service
disruption.
Superior Performance
By supporting full symmetric multiprocessing (SMP), Junos OS
enables the operating system to utilize all CPU cores on the
Routing Engine. The result is a flexible, scalable, and powerful
network infrastructure with the multicore capabilities of the
networking devices.
Security
Junos OS incorporates many advanced security features that
minimize network vulnerability. The Secure Boot feature certifies
that Junos OS devices boot with only an authentic, untampered
version of the Junos OS. It also ensures that devices boot an image
that has not been tampered with. The built-in security features
provide a secured and trusted chain of software development,
safeguarding device integrity from factory to the branch site.
Specifications
Junos OS encompass a comprehensive set of automation features
and support for open-source framework and standard protocols.
Automation features and open-source support are available across
Juniper’s product portfolio, including the Juniper Networks MX
Series 3D Universal Edge Routers, PTX Series Packet Transport
Routers, ACX Series Universal Access Routers, EX Series Ethernet
Switches, QFX Series Switches, SRX Series Services Gateways, and
T Series Core Routers.
Junos Automation Scripts
Junos Automation Scripts consist of:
• Op-Scripts: Used to perform operational tasks on demand
• Event-Scripts: Used to instruct Junos OS to perform actions in
response to system events
• Commit-Scripts: Used to instruct Junos OS to perform actions
at or during commit time
• SNMP Scripts: Provide the flexibility needed to support
custom MIBs
Fast Programmatic Configuration (eDB)
A fast, ultra-low-latency database for programmatic configuration,
eDB resides on Junos OS to help with programmatic changes that
are verified and monitored externally. SDN controllers and external
applications alike can benefit from this fast channel to make control
and data plane configuration changes on devices running Junos OS.
gRPC
General-purpose remote procedure call (gRPC) is an open- source,
BSD-licensed HTTP/2 RPC framework developed and used by
Google to handle remote procedure calls. gRPC enables the easy
creation of high-performance, scalable APIs and microservices in
many popular programming languages and platforms.
HTTP(s)
HTTP is a protocol used for communication, usually with Internet
resources or any application with a Web browser client. HTTPs
enables communication over an encrypted connection.
Juniper Extension Toolkit
The Juniper Extension Toolkit (JET) is a next-generation solution
that makes programming Junos OS simple, flexible, and extensible.
JET is based on four fundamental components: JET APIs, Python,
JavaScript Object Notation (JSON), and Fast Programmatic
Configuration (or eDB).
JET APIs
JET offers a set of APIs that are consistent across any Junos OS
supporting JET. JET APIs are language-agnostic and can be
accessed by any programming language. Applications developed
using JET APIs are also binary-compatible and can be executed
across any platform running a Junos OS release supporting JET.
Enabling Network Automation with Junos OS Datasheet
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com