Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA108S Datasheet(PDF) 1 Page - STMicroelectronics

Part # DA108S
Description  DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DA108S Datasheet(HTML) 1 Page - STMicroelectronics

  DA108S Datasheet HTML 1Page - STMicroelectronics DA108S Datasheet HTML 2Page - STMicroelectronics DA108S Datasheet HTML 3Page - STMicroelectronics DA108S Datasheet HTML 4Page - STMicroelectronics DA108S Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DA108S1
DA112S1
®
SO8
ARRAY OF 8 OR 12 DIODES
LOW INPUT CAPACITANCE
SUITABLE FOR DIGITAL LINE PROTECTION
FEATURES
ARRAY of 8 or 12 diodes configured by cells of 2
diodes, each cell being used to protect signal line
from transient overvoltages by clamping action.
DESCRIPTION
FUNCTIONAL DIAGRAM : DA108S1
March 1998 - Ed:4
DIODE ARRAY
1
2
3
4
I/O 1
I/O 2
I/O 3
I/O 4
8
7
6
5 I/O 5
REF 2
I/O 6
REF 1
Application Specific Discretes
A.S.D.TM
FUNCTIONAL DIAGRAM : DA112S1
1
2
3
4
I/O 1
I/O 2
I/O 3
I/O 4
8
7
6
5
REF 2
REF 1
REF 2
REF 1
Protection of logic side of ISDN S-interface.
Protection of I/O lines of microcontroller.
Signal conditioning.
APPLICATION
IEC1000-4-22level 4:
15kV (air discharge)
8kV (contact discharge)
COMPLIES WITH FOLLOWING STANDARDS :
1/5


Similar Part No. - DA108S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DA108S STMICROELECTRONICS-DA108S Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
DA108S1RL STMICROELECTRONICS-DA108S1RL Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
More results

Similar Description - DA108S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
Diode Array
November 1996
CA3039 INTERSIL-CA3039_00 Datasheet
78Kb / 4P
Diode Array
December 2000
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
logo
Sensitron
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
DIODE ARRAY
logo
Sensitron
SDA1001SS SENSITRON-SDA1001SS Datasheet
122Kb / 2P
DIODE ARRAY
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1003SS SENSITRON-SDA1003SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1004 SENSITRON-SDA1004 Datasheet
159Kb / 3P
DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com