Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7569BLV Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7569BLV
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLV Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7569BLV Datasheet HTML 14Page - STMicroelectronics TDA7569BLV Datasheet HTML 15Page - STMicroelectronics TDA7569BLV Datasheet HTML 16Page - STMicroelectronics TDA7569BLV Datasheet HTML 17Page - STMicroelectronics TDA7569BLV Datasheet HTML 18Page - STMicroelectronics TDA7569BLV Datasheet HTML 19Page - STMicroelectronics TDA7569BLV Datasheet HTML 20Page - STMicroelectronics TDA7569BLV Datasheet HTML 21Page - STMicroelectronics TDA7569BLV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Diagnostics functional description
TDA7569BLV
18/41
DocID023498 Rev 9
Figure 25. SVR and output pin behavior (Case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse plateau. The acquisition time is 100 ms (typ.). No audible noise is generated in
the process. As for SHORT TO GND / Vs the fault-detection thresholds remain unchanged
from 26 dB to 16 dB gain setting. They are as follows:
Figure 26. Short circuit detection thresholds
Concerning SHORT ACROSS THE SPEAKER / OPEN SPEAKER, the threshold varies
from 26 dB to 16 dB gain setting, since different loads are expected (either normal speaker's
impedance or high impedance). The values in case of 26 dB gain are as follows:
Figure 27. Load detection thresholds - high gain setting
If the Line-Driver mode (Gv= 16 dB and Line Driver Mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 28. Load detection threshold - low gain setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com