Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575B Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7575B Datasheet HTML 1Page - STMicroelectronics TDA7575B Datasheet HTML 2Page - STMicroelectronics TDA7575B Datasheet HTML 3Page - STMicroelectronics TDA7575B Datasheet HTML 4Page - STMicroelectronics TDA7575B Datasheet HTML 5Page - STMicroelectronics TDA7575B Datasheet HTML 6Page - STMicroelectronics TDA7575B Datasheet HTML 7Page - STMicroelectronics TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TDA7575B
Block and pins diagrams
Doc ID 14103 Rev 3
5/32
1
Block and pins diagrams
Figure 1.
Block diagram
Figure 2.
Pins connection diagram (top view)
I2CBUS
A
B
CLK
ADDRESS
DATA
VCC
CD_OUT
VS
OUT1+
OUT1-
OUT2+
OUT2-
CLIP
DETECTOR
SHORT CIRCUIT
PROTECTION
SHORT CIRCUIT
PROTECTION
IN1+
SVR
S_GND
I2C EN
PW_GND
TAB
ST-BY/HE
1
Ω
MUTE
IN1-
IN2+
IN2-
D01AU1269
TAB
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
OUT2+
D01AU1270
9
8
7
28
29
30
10
27
14
12
11
23
25
26
13
24
IN2+
IN2-
I2C-EN
CD-OUT
1-OHM
ST_BY
MUTE
IN1-
IN1+
SVR
N.C.
N.C.
N.C.
N.C.
SGND
CK
DATA
OUT1+
OUT1+
VCC
PWGND
A
PWGND
VCC
VCC
OUT2+
OUT1-
OUT2-
OUT2-
OUT1-
VCC
PWGND
PWGND
B
D03IN1512
TAB
PWGND
B
OUT1+
N.C.
OUT1-
VCC
IN1+
IN1-
MUTE
STT-BY
SGND
DATA
CK
SVR
CD_OUT
1
Ω
I2CEN
IN2-
IN2+
VCC
N.C.
OUT2+
OUT2-
A
PWGND
TAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
22
21
23
24
27
Flexiwatt27
PowerSO36 (slug up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com