Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801SM Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7801SM
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801SM Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7801SM Datasheet HTML 17Page - STMicroelectronics TDA7801SM Datasheet HTML 18Page - STMicroelectronics TDA7801SM Datasheet HTML 19Page - STMicroelectronics TDA7801SM Datasheet HTML 20Page - STMicroelectronics TDA7801SM Datasheet HTML 21Page - STMicroelectronics TDA7801SM Datasheet HTML 22Page - STMicroelectronics TDA7801SM Datasheet HTML 23Page - STMicroelectronics TDA7801SM Datasheet HTML 24Page - STMicroelectronics TDA7801SM Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DocID022674 Rev 4
21/48
TDA7801
Operation mode
4
Operation mode
The device has three main operation modes:
Standby mode
Tristate mode
Amplifier mode
4.1
Standby mode
When the ENABLE pin is low the device is in standby-mode. The current consumption is
ISB.
4.2
Tristate mode
When the ENABLE pin is high and the bit D7 of register DB0 is low the device is in tristate-
mode. In that state the amplifier outputs are "high impedance", the I2C bus is ready to
receive command.
4.3
Amplifier mode
When the ENABLE pin is high and the bit D7 of register DB0 is high the device is in
amplifier-mode ready to play. To move the device in that state it is enough to write '1' on bit
D7 of register IB1 from tristate-mode. Note that the device starts with all channels muted by
default (see I2C registers description, Section 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com