Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30TR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH2SP30TR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30TR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH2SP30TR-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 22Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 23Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 24Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID10832 Rev 10
21/35
VNH2SP30-E
Application information
34
3
Application information
In normal operating conditions the DIAGX/ENX pin is considered as an input pin by the
device. This pin must be externally pulled high.
PWM pin usage: in all cases, a “0” on the PWM pin will turn off both LSA and LSB switches.
When PWM rises back to “1”, LSA or LSB turn on again depending on the input pin state.
Figure 32. Typical application circuit for DC to 20 kHz PWM operation short-circuit
protection
Note:
The value of the blocking capacitor (C) depends on the application conditions and defines
the voltage and current ripple on the supply line at PWM operation. Stored energy from the
motor inductance may fly back into the blocking capacitor if the bridge driver goes into tri-
state. This causes a hazardous overvoltage if the capacitor is not large enough. As a basic
guideline, 500 µF per 10 A load current is recommended.
In case of a fault condition, the DIAGX/ENX pin is considered an output pin by the
device.The fault conditions are:
overtemperature on one or both high sides
short to battery condition on the output (saturation detection on the low side power
MOSFET)
Possible origins of fault conditions may be:
OUTA is shorted to ground → overtemperature detection on high side A.
OUTA is shorted to VCC → low side power MOSFET saturation detection.
When a fault condition is detected, the user can be informed of which power element is in
fault by monitoring the INA, INB, DIAGA/ENA and DIAGB/ENB pins.
M
C
Reg 5V
+ 5V
HSA
HSB
LSA
LSB
VCC
DIAGA/ENA
CS
INA
PWM
OUTA
OUTB
D
S
G
b) N MOSFET
3.3K
1K
1K
1K
10K
33nF
1.5K
VCC
100K
DIAGB/ENB
+5V
1K
3.3K
INB
1K
GNDA
GNDB
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com