Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH3SP30-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH3SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3SP30-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH3SP30-E Datasheet HTML 17Page - STMicroelectronics VNH3SP30-E Datasheet HTML 18Page - STMicroelectronics VNH3SP30-E Datasheet HTML 19Page - STMicroelectronics VNH3SP30-E Datasheet HTML 20Page - STMicroelectronics VNH3SP30-E Datasheet HTML 21Page - STMicroelectronics VNH3SP30-E Datasheet HTML 22Page - STMicroelectronics VNH3SP30-E Datasheet HTML 23Page - STMicroelectronics VNH3SP30-E Datasheet HTML 24Page - STMicroelectronics VNH3SP30-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID12688 Rev 9
21/33
VNH3SP30-E
Application information
33
3.3
Test mode
The PWM pin can be used to test the load connection between two half-bridges. In the Test
mode (Vpwm = -2 V) the internal power MOS gate drivers are disabled. The INA or INB inputs
can be used to turn on the high side A or B, respectively, in order to connect one side of the
load at VCC voltage. The check of the voltage on the other side of the load can be used to
verify the continuity of the load connection. In case of load disconnection, the DIADX/ENX
pin corresponding to the faulty output is pulled down.
Figure 34. Half-bridge configuration
Note:
The VNH3SP30-E can be used as a high power half-bridge driver achieving an On
resistance per leg of 22.5 mΩ.
Figure 35. Multi-motor configuration
Note:
The VNH3SP30-E can easily be designed in multi-motor driving applications such as seat
positioning systems, where only one motor must be driven at a time. The DIAGX/ENX pins
allow the unused half-bridges to be put into high impedance.
M
OUTA
OUTA
OUTB
OUTB
VCC
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
GNDB
GNDA
GNDB
GNDA
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
M2
OUTA
OUTA
OUTB
OUTB
VCC
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
GNDB
GNDA
GNDB
GNDA
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
M1
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com