Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH3SP30TR-E Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNH3SP30TR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3SP30TR-E Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNH3SP30TR-E Datasheet HTML 25Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 26Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 27Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 28Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 29Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 30Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 31Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 32Page - STMicroelectronics VNH3SP30TR-E Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
VNH3SP30-E
32/33
DocID12688 Rev 9
6
Revision history
Table 19. Document revision history
Date
Revision
Changes
Aug-2004
1
Initial release of lead-free version based on the VNH3SP30 datasheet
(May 2004 - Rev.1)
Aug- 2005
2
Modified figure 5
20-Dec-2006
3
Document converted into new ST corporate template.
Changed document title .
Changed features on page 1 to add ECOPACK® package.
Added section 1: device block description on page 5.
Added section 2: pinout description on page 6.
Added section 3: maximum ratings on page 8.
Added section 4: electrical characteristics on page 9.
Added “low” and “high” to parameters for IINL and IINH in Table 6 on
page 9.
Added section 5: Waveforms and truth table on page 12.
Changed first of two fault conditions in section 5 on page 12.
Inserted note in Figure 4 on page 12.
Added vertical limitation line to left side arrow of tD(off) to Figure 7 on
page 17.
Added section 6: thermal data on page 26.
Added section 7: package characteristics on page 30.
Added section 8: packaging information on page 32.
Updated disclaimer (last page) to include a mention about the use of
ST products in automotive applications.
20-Jun-2007
4
Document reformatted.
Changed Table 6: Power section on page 9 : supply current and static
resistance values.
Added Table 7: Logic inputs (INA, INB, ENA, ENB) on page 9 : VDIAG
ROW .
Deleted Enable (Logic I/O pin) Table.
13-Sep-2007
5
Updated Table 2: Block description on page 5.
15-Nov-2007
6
Corrected Figure 34 note : changed On resistance per leg from 9.5
m
to 22.5 m.
06-Feb-2008
7
Corrected Heat Slug numbers in Table 3: Pin definitions and functions.
24-Sep-2013
8
Updated disclaimer.
17-Jan-2017
9
– Removed all information relative to tube packing of the product
– Modified Section 5: Package information.
– Added AEC-Q100 qualified in the Features section
– Minor text edits throughout the document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com