Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200ASTR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH5200ASTR-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200ASTR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH5200ASTR-E Datasheet HTML 17Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 18Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 19Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 20Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 21Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 22Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 23Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 24Page - STMicroelectronics VNH5200ASTR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DocID023424 Rev 9
21/31
VNH5200AS-E
Package and PCB thermal data
30
4
Package and PCB thermal data
4.1
PCB characteristics
Figure 13. PCB layout (top and bottom): footprint, 2+2+2 cm2, 8+8+8 cm2
Note:
Board finish thickness 1.6 mm +/- 10%, double layer, dimensions 77x86 mm, material FR4;
Cu thickness 70µm (both front and back side); Thermal vias separation 1.2 mm, thermal via
diameter 0.3 mm +/- 0.08 mm; Cu thickness on vias 0.025 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com