Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070AS Datasheet(PDF) 37 Page - STMicroelectronics

Part # VNH7070AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070AS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VNH7070AS Datasheet HTML 30Page - STMicroelectronics VNH7070AS Datasheet HTML 31Page - STMicroelectronics VNH7070AS Datasheet HTML 32Page - STMicroelectronics VNH7070AS Datasheet HTML 33Page - STMicroelectronics VNH7070AS Datasheet HTML 34Page - STMicroelectronics VNH7070AS Datasheet HTML 35Page - STMicroelectronics VNH7070AS Datasheet HTML 36Page - STMicroelectronics VNH7070AS Datasheet HTML 37Page - STMicroelectronics VNH7070AS Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
DocID028088 Rev 5
37/38
VNH7070AS
Revision history
37
6
Revision history
Table 20. Document revision history
Date
Revision
Changes
16-Jul-2015
1
Initial release.
06-Oct-2015
2
Table 4: Absolute maximum ratings:
–-IGND: removed row
Updated Table 5: Thermal data
Table 6: Power section:
–Vf: updated parameter
Table 8: Switching (VCC =13V, RLOAD =3.7 Ω):
–tcross: updated value
Table 9: Protections and diagnostics (VCC = 7 V up to 18 V; -40 °C < T
j < 150 °C):
–tDSTKON: updated value
Table 10: CS (7 V < VCC <18V):
–K1, K2, K3, ISENSE_SAT, IOUT_SAT: updated values
Updated Figure 9: Input reset time for HSD - fault unlatch and Figure 10:
Input reset time for LSD - fault unlatch
Added Section 2.4: Waveforms and Updated Chapter 3: Application
information
15-Oct-2015
3
Table 9: Protections and diagnostics (VCC = 7 V up to 18 V; -40 °C < T
j < 150 °C):
–VCL: updated test conditions
21-Oct-2015
4
Updated Table 12: On-state fault conditions- truth table
24-May-2016
5
Table 8: Switching (VCC =13V, RLOAD =3.7 Ω):
–tr, tf: updated maximum values
Table 9: Protections and diagnostics (VCC = 7 V up to 18 V; -40 °C < T
j < 150 °C):
–tDSTKON: updated maximum value
Table 10: CS (7 V < VCC <18V):
–ISENSE_SAT: added reference to table footnote 2
Updated Table 12: On-state fault conditions- truth table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com