Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNHD7012AY Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNHD7012AY
Description  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 9Page - STMicroelectronics VNHD7012AY Datasheet HTML 10Page - STMicroelectronics VNHD7012AY Datasheet HTML 11Page - STMicroelectronics VNHD7012AY Datasheet HTML 12Page - STMicroelectronics VNHD7012AY Datasheet HTML 13Page - STMicroelectronics VNHD7012AY Datasheet HTML 14Page - STMicroelectronics VNHD7012AY Datasheet HTML 15Page - STMicroelectronics VNHD7012AY Datasheet HTML 16Page - STMicroelectronics VNHD7012AY Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DS11484 Rev 5
13/43
VNHD7012AY
Electrical specifications
42
Table 8. HSD switching (VCC = 13 V; RLOAD = 1.6 Ω)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
td(on)
Turn-on delay time
Input rise time < 1 µs;
MultiSense_EN = 5 V (no
standby); SEL0,1 = 0; PWM = 0
(see Figure 6)
50
µs
td(off)
Turn-off delay time
Input rise time < 1 µs;
MultiSense_EN = 5 V (no
standby); SEL0,1 = 0; PWM = 0
(see Figure 6)
18
µs
Table 9. Gate driver for external MOS parameters (VCC = 13 V)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
f(1)
1. Parameter guaranteed by design.
PWM frequency
0
20
kHz
Vgs_lsd
Gate_LSD voltage
PWM = 5 V; INx = 0 V
10
V
VCC = 4 V, PWM = 5 V,
INx = 0 V, Tj=25 °C
4V
tcross
Low-side turn-on delay time
Input rise time < 1 µs
(see Figure 7)
40
160
300
µs
tgr_ls
Rise time
VCC = 13.5 V; Rg = 0 Ω;
Cg = 4.7 nF
(see Figure 5)
0.25
0.5
µs
tgf_ls
Fall time
VCC = 13.5 V; Rg = 0 Ω;
Cg = 4.7 nF
(see Figure 5)
0.35
0.5
µs
Table 10. Protections and diagnostics (7 V < VCC < 18 V; -40 °C < Tj < 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSD
Undervoltage shutdown
VCC falling
4
V
VUSDreset
Undervoltage shutdown reset VCC rising
5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.3
V
ILIM_HSD
High-side current limitation
38
56
78
A
VCC = 4 V, Tj = 25 °C (1)
50
A
VCL_HSD
High-side driver clamp
voltage (VCC to OUTA = 0 or
OUTB = 0)
IOUT = 100 mA;
tclamp = 1 ms;
Iclamp = 100 mA
38
46
V
VCL_LSD(1)
Low-side clamp voltage
(OUTA = VCC or OUTB = VCC
to GND)
IOUT = 100 mA;
tclamp = 1 ms;
Iclamp = 100 mA
38
46
52
V
tDEL_OVL_LSD
Low-side drain-current
overload blanking time
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com