Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNP10N06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNP10N06
Description  "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP10N06 Datasheet(HTML) 2 Page - STMicroelectronics

  VNP10N06 Datasheet HTML 1Page - STMicroelectronics VNP10N06 Datasheet HTML 2Page - STMicroelectronics VNP10N06 Datasheet HTML 3Page - STMicroelectronics VNP10N06 Datasheet HTML 4Page - STMicroelectronics VNP10N06 Datasheet HTML 5Page - STMicroelectronics VNP10N06 Datasheet HTML 6Page - STMicroelectronics VNP10N06 Datasheet HTML 7Page - STMicroelectronics VNP10N06 Datasheet HTML 8Page - STMicroelectronics VNP10N06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (Vin = 0)
Internally Clamped
V
Vin
Input Voltage
Internally Clamped
V
Iin
Input Current
± 20
mA
ID
Drain Current
Internally Limited
A
IR
Reverse DC Output Current
-15
A
Vesd
Electrostatic Discharge (C= 100 pF, R=1.5 K
Ω)
4000
V
Ptot
Total Dissipation at Tc = 25
oC42
W
Tj
Operating Junction Temperature
Internally Limited
oC
Tc
Case Operating Temperature
Internally Limited
oC
Tstg
Storage Temperature
-55 to 150
oC
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-source Clamp
Voltage
ID = 200 mA
Vin = 0
506070
V
VIL
Input Low Level
Voltage
ID = 100
µA
VDS = 16 V
1.5
V
VIH
Input High Level
Voltage
RL = 27
Ω
VDD = 16 V
VDS = 0.5 V
3.2
V
VINCL
Input-Source Reverse
Clamp Voltage
Iin = -1 mA
Iin = 1 mA
-1
8
-0.3
11
V
V
IDSS
Zero Input Voltage
Drain Current (Vin = 0)
VDS = 50 V
Vin = VIL
VDS < 35 V
Vin = VIL
250
100
µA
µA
IISS
Supply Current from
Input Pin
VDS = 0 V
Vin = 5 V
150
300
µA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDS(on)
Static Drain-source On
Resistance
Vin = 7 V
ID = 1 A
TJ < 125
oC
0.15
0.3
Ω
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Coss
Output Capacitance
VDS = 13 V
f = 1 MHz
Vin = 0
350
500
pF
VNP10N06
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com