Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNP5N07 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNP5N07
Description  "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP5N07 Datasheet(HTML) 3 Page - STMicroelectronics

  VNP5N07 Datasheet HTML 1Page - STMicroelectronics VNP5N07 Datasheet HTML 2Page - STMicroelectronics VNP5N07 Datasheet HTML 3Page - STMicroelectronics VNP5N07 Datasheet HTML 4Page - STMicroelectronics VNP5N07 Datasheet HTML 5Page - STMicroelectronics VNP5N07 Datasheet HTML 6Page - STMicroelectronics VNP5N07 Datasheet HTML 7Page - STMicroelectronics VNP5N07 Datasheet HTML 8Page - STMicroelectronics VNP5N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING (
∗∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 2.5 A
Vgen = 10 V
Rgen = 10
Ω
(see figure 3)
50
60
150
40
100
100
300
80
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 2.5 A
Vgen = 10 V
Rgen = 1000
Ω
(see figure 3)
150
400
3900
1100
250
600
5000
1600
ns
ns
ns
ns
(di/dt)on
Turn-on Current Slope
VDD = 15 V
ID = 2.5 A
Vin = 10 V
Rgen = 10
Ω
35
A/
µs
Qi
Total Input Charge
VDD = 12 V
ID = 2.5 A
Vin = 10 V
18
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD (
∗)
Forward On Voltage
ISD = 2.5 A
VIN =0
1.6
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 2.5 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 25
o C
(see test circuit, figure 5)
150
0.3
5.7
ns
µC
A
PROTECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
Drain Current Limit
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
3.5
3.5
5
5
7
7
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin = 10 V
Vin = 5 V
15
40
20
60
µs
Tjsh (
∗∗) Overtemperature
Shutdown
150
oC
Tjrs (
∗∗)
Overtemperature Reset
135
oC
Igf (
∗∗)
Fault Sink Current
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
50
20
mA
Eas (
∗∗)
Single Pulse
Avalanche Energy
starting Tj = 25
oC
VDD = 20 V
Vin = 10 V
Rgen = 1 K
Ω L = 30 mH
0.2
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parametes guaranteed by design/characterization
VNP5N07
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com