Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ6004SA-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ6004SA-E
Description  Quad-channel high-side driver with 16-bit SPI interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ6004SA-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ6004SA-E Datasheet HTML 9Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 10Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 11Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 12Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 13Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 14Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 15Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 16Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
DocID022315 Rev 5
13/73
VNQ6004SA-E
Functional description
72
Table 2. Operating modes
Operating
mode
Entering conditions
Leaving conditions
Characteristics
Reset
–Startup
– Any mode:
VDD < VDDR
– Sleep 1:
INX low to high
– All INX low: sleep 1
–VDD > VDDR: fail safe
– Outputs: according to INX
– SPI: inactive
– Registers: cleared
– Diagnostics: not available
Fail Safe
– Reset or sleep 1:
VDD > VDDR
– Standby or sleep 2:
CSN low for t > tstdby_out
–Normal:
EN = 0
or CSN time out
or SW reset
–VDD < VDDR: reset
– SPI sequence
1. UNLOCK = 1
2. STBY = 0
and EN = 1: normal
– SPI sequence
1. UNLOCK = 1
2. STBY = 1
and EN = 0: fail safe
– Outputs: according to INX
– SPI: active
– Registers: read/writeable,
cleared if entered after HW or
SW reset
– Diagnostics: SPI possible
CurrentSense not possible
Normal
– Fail Safe:
SPI sequence
1. UNLOCK = 1
2. STBY = 0
and EN = 1
–VDD < VDDR: reset
– SPI sequence
1. UNLOCK = 1
2. STBY = 1
and EN = 0: standby
–EN = 0
or CSN time out
or SW reset: fail safe
– Outputs: according to SPI
register settings and INX
– SPI: active
– Registers: read/writeable
– Diagnostics: SPI and
CurrentSense possible
– Regular toggling of CSN
necessary
Standby
– Normal: SPI sequence
1. UNLOCK = 1
2. STBY = 1 and EN = 0
– Fail Safe: SPI sequence
1. UNLOCK = 1
2. STBY = 1 and EN = 0
– Sleep 2:
INX low to high
–VDD < VDDR: reset
– CSN low for t>tstdby_out: fail
safe
– All INX low: sleep 2
– Outputs: according to INX
– SPI: inactive
– Registers: frozen
– Diagnostics: not available
– Low supply current from VDD
Sleep 1
Reset: all INX = 0
–VDD > VDDR: fail safe
– INX low to high: reset
–Outputs: OFF
– SPI: inactive
– Registers: cleared
– Diagnostics: not available
– Low supply current from VDD and
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com