Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADW1106HTW Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ADW1106HTW
Description  1 Form A 8A/16A, Small Polarized Power Relays (latching type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADW1106HTW Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ADW1106HTW Datasheet HTML 1Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 2Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 3Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 4Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 5Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 6Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 7Page - Panasonic Semiconductor ADW1106HTW Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DW (ADW1)
–3–
ASCTB8E 201603-T
RATING
1. Coil data
1) 1 coil latching type
2) 2 coil latching type
*Square, pulse drive
2. Specifications
Notes: *1. Minimum switching load is a guide to the lower current limit of switching under the micro-load. This parameter is changed by the condition, such as switching times,
environment condition, and expected reliability. Therefore, Panasonic Corporation cannot assure the reliability. When the relay is used lower than minimum
switching load, reliability is attrition. Please use the relay over minimum switching load.
*2. Wave is standard shock voltage of
±1.2×50μs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*4. Allowable range when in original packaging is –40
°C to +70°C –40°F to +158°F.
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
*80%V or less of
nominal voltage
(Initial)
*80%V or less of
nominal voltage
(Initial)
66.7mA
45
Ω
200mW
110%V of nominal
voltage
5V DC
40.0mA
125
Ω
6V DC
33.3mA
180
Ω
9V DC
22.2mA
405
Ω
12V DC
16.7mA
720
Ω
24V DC
8.3mA
2,880
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
*80%V or less of
nominal voltage
(Initial)
*80%V or less of
nominal voltage
(Initial)
133.3mA
133.3mA
22.5
Ω
22.5
Ω
400mW
400mW
110%V of nominal
voltage
5V DC
80.0mA
80.0mA
62.5
Ω
62.5
Ω
6V DC
66.7mA
66.7mA
90
Ω
90
Ω
9V DC
44.4mA
44.4mA
202.5
Ω
202.5
Ω
12V DC
33.3mA
33.3mA
360
Ω
360
Ω
24V DC
16.7mA
16.7mA
1,440
Ω
1,440
Ω
Characteristics
Item
Specifications
Standard type
Inrush type
Contact
Arrangement
1 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
AgSnO2 type
Rating
Nominal switching capacity (resistive load)
8A 250V AC
16A 277V AC
Max. switching power (resistive load)
2,000VA
4,432VA
Max. switching voltage
250V AC
277V AC
Max. switching current
8A AC
16A AC
Nominal operating power
200mW (1 coil latching type), 400mW (2 coil latching type)
Min. switching capacity (Reference value)*1
100mA 5 V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC, Measurement at same location as “Breakdown voltage” section)
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
5,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown voltage*2
(Between contact and coil)
12,000 V (Initial)
Set time (at 20
°C 68°F) (Initial)
Max. 15 ms (Nominal voltage applied to the coil, excluding contact bounce time)
Reset time (at 20
°C 68°F) (Initial)
Max. 15 ms (Nominal voltage applied to the coil, excluding contact bounce time)
Mechanical
characteristics
Shock resistance
Functional
100 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
μs)
Destructive
1,000 m/s2 (Half-wave pulse of sine wave: 6 ms)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 2 mm (Detection time: 10
μs)
Destructive
10 to 55 Hz at double amplitude of 3 mm
Expected life
Mechanical
Min. 106 (at 180 times/min.)
Electrical
Resistive load
Min. 5
× 104 (at 8A 250V AC, at 20 times/min.)
Min. 105 (at 5A 250V AC, at 20 times/min.)
(IEC60335-1 type only)
Min. 2
× 104 (at 16A 277V AC, ON:OFF = 1s:5s)
Min. 5
× 104 (at 8A 250V AC, at 20 times/min.)
Inrush current
—
Min. 2.5
× 104 [Inrush 100A 600W (120V AC)
Tungsten]
Cycle rate ON:OFF = 1s:59s
Conditions
Conditions for operation, transport and
storage*3 *4
Temperature: –40
°C to +85°C –40°F to +185°F
Humidity: 5 to 85% R.H. (Not freezing and
condensing at low temperature)
Temperature: –40
°C to +85°C –40°F to +185°F
(8A or less),
–40
°C to +70°C –40°F to +158°F
(Over 8A to 16A)
Humidity: 5 to 85% R.H. (Not freezing and
condensing at low temperature)
Unit weight
Approx. 8 g .28 oz (Low profile type: Approx. 7.5 g .26 oz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com