Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7530S Datasheet(PDF) 2 Page - Multicomp Pro

Part # HT7530S
Description  High Driver LDO Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HT7530S Datasheet(HTML) 2 Page - Multicomp Pro

  HT7530S Datasheet HTML 1Page - Multicomp Pro HT7530S Datasheet HTML 2Page - Multicomp Pro HT7530S Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
29/07/24
High Driver LDO Regula
tor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Typical Characterisitics
Basic circuits
HT7550S, +5.0V output type
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
VIN
Conditions
Output Voltage Tolerance
VOUT
7V
IOUT=10mA
4.75
5
5.25
V
Output Current
IOUT
100
150
mA
Load Regulation
VOUT
1mA≤ IOUT ≤ 70mA
60
150
mV
Voltage Drop
VDIF
IOUT=1mA
100
Current Consumption
ISS
7V
No load
10
20
uA
Line Regulation
VOUT
VIN XVOUT
6V ≤ VIN ≤ 15V
IOUT=1mA
0.2
%/V
Input Voltage
VIN
24
V
Temperature Coefficient
VOUT
Ta
7V
IOUT=10mA
0°C<Ta<70°C
±0.75
mV/°C
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
VIN
Conditions
Output Voltage Tolerance
VOUT
5.5V
IOUT=10mA
3.14
3.3
3.47
V
Output Current
IOUT
60
100
mA
Load Regulation
VOUT
1mA≤ IOUT ≤ 50mA
60
150
mV
Voltage Drop
VDIF
IOUT=1mA
100
Current Consumption
ISS
5.5V
No load
10
20
uA
Line Regulation
VOUT
VIN XVOUT
4.5V ≤ VIN ≤ 12V
IOUT=1mA
0.2
%/V
Input Voltage
VIN
24
V
Temperature Coefficient
VOUT
Ta
5.5V
IOUT=10mA
0°C<Ta<70°C
±0.5
mV/°C
HT7533S, +3.3V output type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com