Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7550S Datasheet(PDF) 1 Page - Multicomp Pro

Part # HT7550S
Description  High Driver LDO Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HT7550S Datasheet(HTML) 1 Page - Multicomp Pro

  HT7550S Datasheet HTML 1Page - Multicomp Pro HT7550S Datasheet HTML 2Page - Multicomp Pro HT7550S Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/07/24
High Driver LDO Regula
tor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• High input voltage (up to 24V)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Supply Voltage
VSS
-0.3 to 26V
Power Consumption
Pc
250mW
Junction Temperature
TJ
125°C
Operating Temperature
Topr
0°C to 70°C
Storage Temperature range
TSTG
-50°C to 125°C
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
VIN
Conditions
Output Voltage Tolerance
VOUT
5V
IOUT=10mA
2.85
3
3.15
V
Output Current
IOUT
60
100
mA
Load Regulation
VOUT
1mA≤ IOUT ≤ 50mA
60
150
mV
Voltage Drop
VDIF
IOUT=1mA
100
Current Consumption
ISS
5V
No load
10
20
uA
Line Regulation
VOUT
VIN XVOUT
4V ≤ VIN ≤ 12V
IOUT=1mA
0.2
%/V
Input Voltage
VIN
24
V
Temperature Coefficient
VOUT
Ta
5V
IOUT=10mA
0°C<Ta<70°C
±0.45
mV/°C
Electrical Characteristic Ta = 25°C
HT7530S, +3.0V output type


Similar Part No. - HT7550S

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
HT7550S TECHPUBLIC-HT7550S Datasheet
3Mb / 7P
Ultra low power consumption, High Voltage Regul LDO
HT7550S-2 TECHPUBLIC-HT7550S-2 Datasheet
3Mb / 7P
Ultra low power consumption, High Voltage Regul LDO
More results

Similar Description - HT7550S

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
High Speed LDO Regulator
logo
ON Semiconductor
NCP5426 ONSEMI-NCP5426 Datasheet
69Kb / 8P
LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426 ONSEMI-NCP5426_06 Datasheet
81Kb / 8P
LDO Regulator/Vibration Motor Driver
February, 2006 ??Rev. 5
logo
E-Tech Electronics LTD
LR1121B ETL-LR1121B Datasheet
340Kb / 8P
HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
LDO Regulator
logo
Guangdong Youtai Semico...
7130 UMW-7130 Datasheet
661Kb / 9P
LDO high voltage regulator
HT75 UMW-HT75 Datasheet
1Mb / 10P
LDO high voltage regulator
71XX UMW-71XX Datasheet
2Mb / 9P
LDO high voltage regulator
75XX UMW-75XX Datasheet
3Mb / 9P
LDO high voltage regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com