Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV Datasheet(PDF) 1 Page - STMicroelectronics

Part # DMV
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV Datasheet(HTML) 1 Page - STMicroelectronics

  DMV Datasheet HTML 1Page - STMicroelectronics DMV Datasheet HTML 2Page - STMicroelectronics DMV Datasheet HTML 3Page - STMicroelectronics DMV Datasheet HTML 4Page - STMicroelectronics DMV Datasheet HTML 5Page - STMicroelectronics DMV Datasheet HTML 6Page - STMicroelectronics DMV Datasheet HTML 7Page - STMicroelectronics DMV Datasheet HTML 8Page - STMicroelectronics DMV Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMV series
®
August 1999 - Ed: 2A
DAMPER + MODULATION DIODE FOR VIDEO
Symbol
Parameter
Value
Unit
MODUL DAMPER
VRRM
Repetitive peak reverse voltage
600
1500
V
IFSM
Surge non repetitive forward current
tp = 10 ms
sinusoidal
DMV16
50
50
A
DMV32
60
75
DMV56
60
80
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Maximum operating junction temperature
150
TURBOSWITCH is a trademark of STMicroelectronics
ABSOLUTE RATINGS (limiting values, per diode)
Insulated TO-220AB
(Bending option F5 available)
FULL KIT IN ONE PACKAGE
HIGH BREAKDOWN VOLTAGE CAPABILITY
VERY FAST RECOVERY DIODE
SPECIFIED TURN ON SWITCHING
CHARACTERISTICS
LOW STATIC AND PEAK FORWARD
VOLTAGE DROP FOR LOW DISSIPATION
INSULATED VERSION:
Insulated voltage = 2500 VRMS
Capacitance = 7 pF
PLANAR TECHNOLOGY ALLOWING HIGH
QUALITY AND BEST ELECTRICAL
CHARACTERISTICS
OUTSTANDING PERFORMANCE OF WELL
PROVEN DTV AS DAMPER AND
TURBOSWITCH
TM
AS MODULATION
FEATURES AND BENEFITS
High voltage semiconductor especially designed
for horizontal deflection stage in standard and high
resolution video display with E/W correction.
The insulated TO-220AB package includes both
the DAMPER diode and the MODULATION diode.
Assembled on automated line, it offers excellent
insulating and dissipating characteristics, thanks to
the internal ceramic insulation layer.
DESCRIPTION
MODUL
DAMPER
IF(AV)
3 A & 6 A
5 A & 6 A
VRRM
600 V
1500 V
trr
50 ns
135 ns
VF (max)
1.5 V
1.35 V
MAIN PRODUCT CHARACTERISTICS
1
2
3
DAMPER
MODULATION
12
3
1/9


Similar Part No. - DMV

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV-1 PAIRUI-DMV-1 Datasheet
611Kb / 4P
DC-DC Converter
DMV-10 PAIRUI-DMV-10 Datasheet
507Kb / 4P
DC-DC Converter
DMV-10 PAIRUI-DMV-10 Datasheet
519Kb / 4P
DC-DC Conveter
DMV-10W PAIRUI-DMV-10W Datasheet
508Kb / 4P
DC-DC Converter
DMV-10W PAIRUI-DMV-10W Datasheet
520Kb / 4P
DC-DC Converter
More results

Similar Description - DMV

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
Damper diode (Diode modulation for Displays)
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
Damper Diode (Diode modulation for TV)
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
MODULATION DAMPER DIODE
FFPF60B150DS FAIRCHILD-FFPF60B150DS Datasheet
56Kb / 6P
DAMPER MODULATION DIODE
logo
STMicroelectronics
DMV1500M STMICROELECTRONICS-DMV1500M Datasheet
73Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Jul-2001
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
DMV1500SD STMICROELECTRONICS-DMV1500SD Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
25-Oct-2004
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com