Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXTPU12RAM08XPC Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # MXTPU12RAM08XPC
Description  M12 X Coding Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

MXTPU12RAM08XPC Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  MXTPU12RAM08XPC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XPC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XPC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XPC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XPC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XPC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. MXTPU12RAM08XPC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Circular Automation Connectors 145
Introduction
With a high degree of mechanical and electrical stability,
Bulgin’s M12 X Coding connectors provide a cost
effective and flexible connectivity solution for onsite
installations, helping to decrease downtime in process
control, manufacturing automation and industrial
instrumentation applications.
M12 X Coding Series
Key features:
Reliable industry standard (EN 61076-2-109) screw locking mechanism
Field installable, cable and panel mount options
Maximum Data Signaling Rate to 10Gbit/s
-25 °C `to 85 °C Temperature Range
Plastic and metal options variants
Cat6a cables
Ethernet, Profinet Application
800V Rated Impulse Voltage
IP67 degree of protection
0.5A Rated Current
M12 X Coding
Full Contact Diagrams Page 151


Similar Part No. - MXTPU12RAM08XPC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXT-V1-M2 MSYSTEM-MXT-V1-M2 Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXT-V1-M2/Q MSYSTEM-MXT-V1-M2/Q Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXT-V1-P MSYSTEM-MXT-V1-P Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXT-V1-P/Q MSYSTEM-MXT-V1-P/Q Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
More results

Similar Description - MXTPU12RAM08XPC

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
RDJF00410070 SHIELD-RDJF00410070 Datasheet
199Kb / 2P
M12, coding A, field attachable, straight
RDLF06100 SHIELD-RDLF06100 Datasheet
340Kb / 4P
M12, coding A, with cable, straight
RDMF06100 SHIELD-RDMF06100 Datasheet
360Kb / 4P
M12, coding A, with cable, angled
RDEF00300 SHIELD-RDEF00300 Datasheet
245Kb / 4P
M12 coding A, receptacle, with wires, frontal assembling
RDSF00300 SHIELD-RDSF00300 Datasheet
251Kb / 4P
M12 coding A, receptacle, with wires, back assembling
logo
Wurth Elektronik GmbH &...
643210100405 WURTH-643210100405 Datasheet
605Kb / 6P
WR-CIRC M12 Screw - Coding A - Panel PCB
REVISION 001.001
643452100304 WURTH-643452100304 Datasheet
386Kb / 5P
WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643452100605 WURTH-643452100605 Datasheet
389Kb / 5P
WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643220100605 WURTH-643220100605 Datasheet
555Kb / 6P
WR-CIRC M12 Screw - Coding A - Panel PCB
001.001
643250100605 WURTH-643250100605 Datasheet
615Kb / 6P
WR-CIRC M12 Screw - Coding A - Panel PCB
001.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com