Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DB5
Description  TRIGGER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB5 Datasheet(HTML) 2 Page - STMicroelectronics

  DB5 Datasheet HTML 1Page - STMicroelectronics DB5 Datasheet HTML 2Page - STMicroelectronics DB5 Datasheet HTML 3Page - STMicroelectronics DB5 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
DB3
DC34
DB4
VBO
Breakover voltage *
C = 22nF **
see diagram 1
MIN
28
30
35
V
TYP
32
34
40
MAX
36
38
45
[I+VBOI-I-VBOI]
Breakover voltage
symmetry
C = 22nF **
see diagram 1
MAX
± 3V
I
∆V± I
Dynamic breakover
voltage *
∆I= [IBO to IF=10mA]
see diagram 1
MIN
5
V
VO
Output voltage *
see diagram 2
MIN
5
V
IBO
Breakover current *
C = 22nF **
MAX
100
50
100
µA
tr
Rise time *
see diagram 3
TYP
1.5
µs
IB
Leakage current *
VB =0.5 VBO max
see diagram 1
MAX
10
µA
* Electrical characteristic applicable in both forward and reverse directions.
** Connected in parallel with the devices.
ELECTRICAL CHARACTERISTICS
(Tj = 25
°C)
DIAGRAM 1 : Current-voltage characteristics
DIAGRAM 2 : Test circuit for output voltage
DIAGRAM 3 : Test circuit see diagram 2.
Adjust R for lp=0.5A
10mA
IBO
IB
-V
+ V
+I F
-IF
0,5 VBO
VBO
V
10 k
500 k
220 V
50 Hz
0.1 F
D.U.T
V
O
R= 20
90 %
lp
10 %
tr
®
DB3 / DB4 / DC34
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com