Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV Datasheet(PDF) 5 Page - STMicroelectronics

Part # DTV
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV Datasheet(HTML) 5 Page - STMicroelectronics

  DTV Datasheet HTML 1Page - STMicroelectronics DTV Datasheet HTML 2Page - STMicroelectronics DTV Datasheet HTML 3Page - STMicroelectronics DTV Datasheet HTML 4Page - STMicroelectronics DTV Datasheet HTML 5Page - STMicroelectronics DTV Datasheet HTML 6Page - STMicroelectronics DTV Datasheet HTML 7Page - STMicroelectronics DTV Datasheet HTML 8Page - STMicroelectronics DTV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
0.1
1.0
10.0
20.0
VFM(V)
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
Fig. 3-3: Forward voltage drop versus forward
current (DTV56D/F).
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
20.0
VFM(A)
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
Fig. 3-4: Forward voltage drop versus forward
current (DTV64D/F).
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
20.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=125°C
Maximum
Tj=25°C
VFM(V)
Fig. 3-1: Forward voltage drop versus forward
current (DTV16D/F).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
20.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
VFM(V)
Fig. 3-2: Forward voltage drop versus forward
current (DTV32D/F).
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
0.1
1.0
10.0
20.0
VFM(V)
IFM(A)
Typical
Tj=125°C
Maximum
Tj=125°C
Maximum
Tj=25°C
Fig. 3-5: Forward voltage drop versus forward
current (DTV82D/F).
0
0.5
1
1.5
2
2.5
3
0.1
1.0
10.0
20.0
VFM(V)
IFM(A)
Typical
Tj=125°C
Maximum
Tj=125°C
Maximum
Tj=25°C
Fig. 3-6: Forward voltage drop versus forward
current (DTV110D/F).
DTVseries
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com