Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA117AM Datasheet(PDF) 4 Page - Texas Instruments

Part # INA117AM
Description  INA117 High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA117AM Datasheet(HTML) 4 Page - Texas Instruments

  INA117AM Datasheet HTML 1Page - Texas Instruments INA117AM Datasheet HTML 2Page - Texas Instruments INA117AM Datasheet HTML 3Page - Texas Instruments INA117AM Datasheet HTML 4Page - Texas Instruments INA117AM Datasheet HTML 5Page - Texas Instruments INA117AM Datasheet HTML 6Page - Texas Instruments INA117AM Datasheet HTML 7Page - Texas Instruments INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
5.5 Electrical Characteristics
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, VCM = VS/2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage
RTO (P package)
120
1000
µV
RTO (KU package)
600
2000
µV
Offset voltage drift
RTO, TA = –40℃ to 85℃
8.5
µV/°C
Long term drift
200
µV/mo
PSRR
Power-supply rejection
ratio
RTO, VS = ±5V to ±18V
74
90
dB
Common-mode voltage (1)
–200
200
V
Differential voltage
–10
10
V
CMRR
Common-mode voltage
rejection
DC, VCM = –200V to 200V
70
80
dB
TA = –40℃ to 85℃
75
AC, 60Hz, VCM = –200V to 200V
66
80
Differential input
impedance
800
kΩ
Common-mode input
impedance
200
NOISE
eN
Voltage noise
RTO, fB = 0.1Hz to 10Hz
25
µVPP
RTO, f = 1kHz
550
nV/√Hz
GAIN
GE
Gain error
±0.01
±0.05
%
Gain error drift
TA = –40°C to 85°C
±2
ppm/°C
Gain nonlinearity(2)
±0.0005
±0.001 % of FSR
OUTPUT
Output voltage
IO = 20mA, –5mA
10
12
V
Output impedance
0.01
Ω
CL
Load capacitance
Stable operation
1
nF
Short-circuit current
Continuous to VS/2
49, –13
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
200
kHz
Full power bandwidth
VO = 20Vpp
30
kHz
SR
Slew rate
1.7
2.6
V/µs
tS
Settling time
To 0.1%,
VO = 10V step
6.5
µs
To 0.01%
VO = 10V step
10
VCM = 10V step, VDIFF = 0V
4.5
POWER SUPPLY
IQ
Quiescent current
VIN = 0V
1.5
±2
mA
(1)
Input common-mode voltage varies with output voltage; see Typical Characteristics.
(2)
Specified by wafer test.
INA117
SBOS154B – SEPTEMBER 2000 – REVISED APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com