Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA186 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA186
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA186 Datasheet HTML 8Page - Texas Instruments INA186 Datasheet HTML 9Page - Texas Instruments INA186 Datasheet HTML 10Page - Texas Instruments INA186 Datasheet HTML 11Page - Texas Instruments INA186 Datasheet HTML 12Page - Texas Instruments INA186 Datasheet HTML 13Page - Texas Instruments INA186 Datasheet HTML 14Page - Texas Instruments INA186 Datasheet HTML 15Page - Texas Instruments INA186 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
7.3 Feature Description
7.3.1 Precision Current Measurement
The INA186 allows for accurate current measurements over a wide dynamic range. The high accuracy of the
device is attributable to the low gain error and offset specifications. The offset voltage of the INA186 is less than
±50 µV. In this case, the low offset improves the accuracy at light loads when VIN+ approaches VIN–. Another
advantage of low offset is the ability to use a lower-value shunt resistor that reduces the power loss in the
current-sense circuit, and improves the power efficiency of the end application.
The maximum gain error of the INA186 is specified at ±1%. As the sensed voltage becomes much larger than
the offset voltage, the gain error becomes the dominant source of error in the current-sense measurement.
When the device monitors currents near the full-scale output range, the total measurement error approaches the
value of the gain error.
7.3.2 Low Input Bias Current
The INA186 is different from many current-sense amplifiers because this device offers very low input bias
current. The low input bias current of the INA186 has three primary benefits.
The first benefit is the reduction of the current consumed by the device . Classical current-sense amplifier
topologies typically consume tens of microamps of current at the inputs. For these amplifiers, the input current is
the result of the resistor network that sets the gain and additional current to bias the input amplifier. To reduce
the bias current to near zero, the INA186 uses a capacitively coupled amplifier on the input stage, followed by a
difference amplifier on the output stage.
The second benefit of low bias current is the ability to use input filters to reject high-frequency noise before
the signal is amplified. In a traditional current-sense amplifier, the addition of input filters comes at the cost
of reduced accuracy. However, as a result of the low bias currents, input filters have little effect on the
measurement accuracy of the INA186.
The third benefit of low bias current is the ability to use a larger current-sense resistor. This ability allows the
device to accurately monitor currents as low as 1 µA.
7.3.3 Low Quiescent Current With Output Enable
The device features low quiescent current (IQ), while still providing sufficient small-signal bandwidth to be usable
in most applications. The quiescent current of the INA186 is only 48 µA (typical), while providing a small-signal
bandwidth of 35 kHz in a gain of 100. The low IQ and good bandwidth allow the device to be used in many
portable electronic systems without excessive drain on the battery. Because many applications only need to
periodically monitor current, the INA186 features an enable pin that turns off the device until needed. When in
the disabled state, the INA186 typically draws 10 nA of total supply current.
7.3.4 Bidirectional Current Monitoring
The INA186 devices that feature a REF pin can sense current flow through a sense resistor in both directions.
The bidirectional current-sensing capability is achieved by applying a voltage at the REF pin to offset the output
voltage. A positive differential voltage sensed at the inputs results in an output voltage that is greater than the
applied reference voltage. Likewise, a negative differential voltage at the inputs results in output voltage that
is less than the applied reference voltage. Use Equation 1 to calculate the output voltage of the current-sense
amplifier.
OUT
LOAD
SENSE
REF
V
I
R
GAIN
V
u
u
(1)
where
• ILOAD is the load current to be monitored.
• RSENSE is the current-sense resistor.
• GAIN is the gain option of the selected device.
• VREF is the voltage applied to the REF pin.
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com