Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9625 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9625 Datasheet HTML 9Page - NXP Semiconductors PCA9625 Datasheet HTML 10Page - NXP Semiconductors PCA9625 Datasheet HTML 11Page - NXP Semiconductors PCA9625 Datasheet HTML 12Page - NXP Semiconductors PCA9625 Datasheet HTML 13Page - NXP Semiconductors PCA9625 Datasheet HTML 14Page - NXP Semiconductors PCA9625 Datasheet HTML 15Page - NXP Semiconductors PCA9625 Datasheet HTML 16Page - NXP Semiconductors PCA9625 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
13 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
7.3.6 LEDOUT0 to LEDOUT3, LED driver output state
LDRx = 00 — LED driver x is off (default power-up state).
LDRx = 01 — LED driver x is fully on (individual brightness and group dimming/blinking
not controlled).
LDRx = 10 — LED driver x individual brightness can be controlled through its PWMx
register.
LDRx = 11 — LED driver x individual brightness and group dimming/blinking can be
controlled through its PWMx register and the GRPPWM registers.
7.3.7 SUBADR1 to SUBADR3, I2C-bus subaddress 1 to 3
Subaddresses are programmable through the I2C-bus. Default power-up values are E2h,
E4h, E8h, and the device(s) will not acknowledge these addresses right after power-up
(the corresponding SUBx bit in MODE1 register is equal to 0).
Table 10.
LEDOUT0 to LEDOUT3 - LED driver output state register (address 14h to 17h) bit
description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
14h
LEDOUT0
7:6
LDR3
R/W
00*
LED3 output state control
5:4
LDR2
R/W
00*
LED2 output state control
3:2
LDR1
R/W
00*
LED1 output state control
1:0
LDR0
R/W
00*
LED0 output state control
15h
LEDOUT1
7:6
LDR7
R/W
00*
LED7 output state control
5:4
LDR6
R/W
00*
LED6 output state control
3:2
LDR5
R/W
00*
LED5 output state control
1:0
LDR4
R/W
00*
LED4 output state control
16h
LEDOUT2
7:6
LDR11
R/W
00*
LED11 output state control
5:4
LDR10
R/W
00*
LED10 output state control
3:2
LDR9
R/W
00*
LED9 output state control
1:0
LDR8
R/W
00*
LED8 output state control
17h
LEDOUT3
7:6
LDR15
R/W
00*
LED15 output state control
5:4
LDR14
R/W
00*
LED14 output state control
3:2
LDR13
R/W
00*
LED13 output state control
1:0
LDR12
R/W
00*
LED12 output state control
Table 11.
SUBADR1 to SUBADR3 - I2C-bus subaddress registers 0 to 3 (address 18h to
1Ah) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
18h
SUBADR1
7:1
A1[7:1]
R/W
1110 001*
I2C-bus subaddress 1
0
A1[0]
R only
0*
reserved
19h
SUBADR2
7:1
A2[7:1]
R/W
1110 010*
I2C-bus subaddress 2
0
A2[0]
R only
0*
reserved
1Ah
SUBADR3
7:1
A3[7:1]
R/W
1110 100*
I2C-bus subaddress 3
0
A3[0]
R only
0*
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com