Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9625D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9625D
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9625D Datasheet HTML 17Page - NXP Semiconductors PCA9625D Datasheet HTML 18Page - NXP Semiconductors PCA9625D Datasheet HTML 19Page - NXP Semiconductors PCA9625D Datasheet HTML 20Page - NXP Semiconductors PCA9625D Datasheet HTML 21Page - NXP Semiconductors PCA9625D Datasheet HTML 22Page - NXP Semiconductors PCA9625D Datasheet HTML 23Page - NXP Semiconductors PCA9625D Datasheet HTML 24Page - NXP Semiconductors PCA9625D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
21 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
10. Application design-in information
(1) OE requires pull-up resistor if control signal from the master is open-drain.
I2C-bus address = 0010 101x.
Fig 16. Typical application
PCA9625
LED0
LED1
SDA
SCL
OE
VDD = 2.5 V, 3.3 V or 5.0 V
I2C-BUS/SMBus
MASTER
SDA
SCL
10 k
Ω
OE
10 k
Ω
LED2
LED3
A0
A1
A2
VDD
A3
A4
A5
A6
VSS
10 V to 24 V
10 k
Ω(1)
up to 24 V
LED8
LED9
LED10
LED11
VDD(DRV)FET
LED4
LED5
LED6
LED7
up to 24 V
LED light bar
LED12
LED13
LED14
LED15
up to 24 V
LED light bar
002aac788
VSS(DRV)FET
up to 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com