Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126E/2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA126E/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126E/2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA126E/2K5 Datasheet HTML 4Page - Texas Instruments INA126E/2K5 Datasheet HTML 5Page - Texas Instruments INA126E/2K5 Datasheet HTML 6Page - Texas Instruments INA126E/2K5 Datasheet HTML 7Page - Texas Instruments INA126E/2K5 Datasheet HTML 8Page - Texas Instruments INA126E/2K5 Datasheet HTML 9Page - Texas Instruments INA126E/2K5 Datasheet HTML 10Page - Texas Instruments INA126E/2K5 Datasheet HTML 11Page - Texas Instruments INA126E/2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
6.6 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 25 kΩ, VREF = 0 V, and VCM = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE
eN
Voltage noise
f = 1 kHz
35
nV/√Hz
f = 100 Hz
35
fB = 10 Hz
45
fB = 0.1 Hz to 10 Hz
0.7
µVPP
In
Current noise
f = 1 kHz
160
fA/√Hz
fB = 0.1Hz to 10Hz
7.3
pAPP
OUTPUT
Positive output voltage swing
(V+) – 0.9 (V+) – 0.75
V
Negative output voltage swing
(V–) + 0.95
(V–) + 0.8
V
ISC
Short-circuit current
Continuous to VS / 2
±5
mA
CL
Load capacitance
Stable operation
1000
pF
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 5
200
kHz
G = 100
9
G = 500
1.8
SR
Slew rate
G = 5, VO = ±10 V
0.4
V/µs
tS
Settling time
To 0.01%, VSTEP = 10 V
G = 5
30
µs
G = 100
160
G = 500
1500
Overload recovery
50% input overload
4
µs
POWER SUPPLY
IQ
Quiescent current (per
channel)
IO = 0 mA
±175
±200
µA
(1)
Input voltage range of the instrumentation amplifier input stage. The input range depends on the common-mode voltage, differential
voltage, gain, and reference voltage. See Typical Characteristic curves.
(2)
The values specified for G > 5 do not include the effects of the external gain-setting resistor, RG.
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com