Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126EA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA126EA/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126EA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA126EA/2K5 Datasheet HTML 5Page - Texas Instruments INA126EA/2K5 Datasheet HTML 6Page - Texas Instruments INA126EA/2K5 Datasheet HTML 7Page - Texas Instruments INA126EA/2K5 Datasheet HTML 8Page - Texas Instruments INA126EA/2K5 Datasheet HTML 9Page - Texas Instruments INA126EA/2K5 Datasheet HTML 10Page - Texas Instruments INA126EA/2K5 Datasheet HTML 11Page - Texas Instruments INA126EA/2K5 Datasheet HTML 12Page - Texas Instruments INA126EA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
6.7 Typical Characteristics
at TA = 25°C, VS = ±15 V (unless otherwise noted)
70
60
50
40
30
20
10
0
–10
Frequency (Hz)
100
1k
10k
100k
1M
G = 1000
G = 100
G = 20
G = 5
Figure 6-1. Gain vs Frequency
110
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
Figure 6-2. Common-Mode Rejection vs Frequency
120
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
Figure 6-3. Positive Power Supply Rejection vs Frequency
120
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
Figure 6-4. Negative Power Supply Rejection vs Frequency
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
+
+
–
–
VCM
VO
VD/2
Ref
–15V
+15V
+
Limited by A2 output
swing—see text
Limited by A2 output
swing—see text
VS = ±15 V
Figure 6-5. Input Common-Mode Voltage Range
vs Output Voltage
Output Voltage (V)
–5
–4
5
–3
–2
–1
0
1
2
3
4
5
4
3
2
1
0
–1
–2
–3
–4
–5
Limited by A2 output
swing—see text
Limited by A2 output
swing—see text
V
S = ±5V
V
S = +5V/0V
V
REF = 2.5V
VS = ±5 V
Figure 6-6. Input Common-Mode Voltage Range
vs Output Voltage
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com