Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA206AIPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # INA206AIPWR
Description  INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA206AIPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA206AIPWR Datasheet HTML 4Page - Texas Instruments INA206AIPWR Datasheet HTML 5Page - Texas Instruments INA206AIPWR Datasheet HTML 6Page - Texas Instruments INA206AIPWR Datasheet HTML 7Page - Texas Instruments INA206AIPWR Datasheet HTML 8Page - Texas Instruments INA206AIPWR Datasheet HTML 9Page - Texas Instruments INA206AIPWR Datasheet HTML 10Page - Texas Instruments INA206AIPWR Datasheet HTML 11Page - Texas Instruments INA206AIPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics: Comparator (continued)
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Comparator 2 Delay Equation (5)
CDELAY = tD/5
µF
Comparator 2 Delay, tD
CDELAY = 0.1 μF
0.5
s
(5)
The Comparator 2 delay applies to both rising and falling edges of the comparator output.
7.7 Electrical Characteristics: Reference
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE VOLTAGE
1.2VREFOUT Output Voltage
1.188
1.2
1.212
V
dVOUT/dT
Reference Drift
TA = –40°C to 85°C
40
100
ppm/°C
0.6VREF Output Voltage
0.6
V
(Pins 3 and 6 of 14-pin packages
only)
dVOUT/dT
Reference Drift
TA = –40°C to 85°C
40
100
ppm/°C
dVOUT/dILOA
LOAD REGULATION
D
Sourcing
0 mA < ISOURCE < 0.5 mA
0.4
2
mV/mA
Sinking
0 mA < ISINK < 0.5 mA
0.4
mV/mA
ILOAD
LOAD CURRENT
TA = –40°C to 125°C
1
mA
dVOUT/dVS
LINE REGULATION
2.7 V < VS < 18 V, TA = –40°C to 125°C
30
µV/V
CAPACITIVE LOAD
Reference Output Maximum
No Sustained Oscillations
10
nF
Capacitive Load
OUTPUT IMPEDANCE
Pins 3 and 6 of 14-Pin Packages
10
k
Ω
Only
7.8 Electrical Characteristics: General
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN– = GND, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Operating Power Supply
TA = –40°C to 125°C
2.7
18
V
Quiescent Current
VOUT = 2 V
1.8
2.2
mA
IQ
Quiescent Current over Temperature
VSENSE = 0 mV, TA = –40°C to 125°C
2.8
mA
Comparator Power-On Reset
1.5
V
Threshold (1)
TEMPERATURE
Specified Temperature Range
–40
125
°C
Operating Temperature Range
–55
150
°C
Storage Temperature Range
–65
150
°C
MSOP-10 Surface-Mount
200
°C/W
θJA
Thermal Resistance
SO-14, TSSOP-14 Surface-Mount
150
°C/W
(1)
The INA206, INA207, and INA208 are designed to power-up with the comparator in a defined reset state as long as CMP1 RESET is
open or grounded. The comparator will be in reset as long as the power supply is below the voltage shown here. The comparator will
assume a state based on the comparator input above this supply voltage. If CMP1 RESET is high at power-up, the comparator output
comes up high and requires a reset to assume a low state, if appropriate.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com